Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, GND = 0, fCLK = 2 x fDAC, external reference VREFIO = +1.25V, out-
put load 50
Ω double-terminated, transformer-coupled output, IOUTFS = 20mA, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input Compliance
Range
VREFIOCR
0.125
1.260
V
Reference Input Resistance
RREFIO
10
k
Ω
Reference Voltage Drift
TCOREF
±25
ppm/
°C
ANALOG OUTPUT TIMING (See Figure 4)
Output Fall Time
tFALL
90% to 10% (Note 5)
0.7
ns
Output Rise Time
tRISE
10% to 90% (Note 5)
0.7
ns
Output Propagation Delay
tPD
Excluding data latency (Note 5)
1.1
ns
Glitch Impulse
Measured differentially
1
pV•s
IOUTFS = 2mA
30
Output Noise
nOUT
IOUTFS = 20mA
30
pA/
√Hz
TIMING CHARACTERISTICS
Data to Clock Setup Time
tSETUP
Referenced to rising edge of clock (Note 6)
-1.2
ns
Data to Clock Hold Time
tHOLD
Referenced to rising edge of clock (Note 6)
2.0
ns
Latency to I output
9
Data Latency
Latency to Q output
8
Clock
Cycles
Minimum Clock Pulse-Width High
tCH
CLKP, CLKN
0.9
ns
Minimum Clock Pulse-Width Low
tCL
CLKP, CLKN
0.9
ns
LVDS LOGIC INPUTS (B15P/B15N–B0P/B0N, XORN, XORP, SELIQN, SELIQP)
Differential Input-Logic High
VIH
100
mV
Differential Input-Logic Low
VIL
-100
mV
Common-Mode Voltage Range
VCMR
1.125
1.375
V
Differential Input Resistance
RIN
(Note 7)
110
Ω
Input Capacitance
CIN
2.5
pF
CMOS LOGIC INPUTS (PD, TORB)
Input-Logic High
VIH
0.7 x
DVDD3.3
V
Input-Logic Low
VIL
0.3 x
DVDD3.3
V
Input Leakage Current
IIN
-20
1
+20
µA
PD, TORB Internal Pulldown
Resistance
VPD = VTORB = 3.3V
1.5
M
Ω
Input Capacitance
CIN
2.5
pF
CLOCK INPUTS (CLKP, CLKN)
Sine wave
>1.5
Differential Input
Voltage Swing
Square wave
>0.5
VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com