Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD1.8, DVDD1.8 to GND, DACREF...................-0.3V to +2.16V
AVDD3.3, DVDD3.3, AVCLK to GND, DACREF ........-0.3V to +3.9V
REFIO, FSADJ to
GND, DACREF..................................-0.3V to (AVDD3.3 + 0.3V)
OUTIP, OUTIN, OUTQP,
OUTQN to GND, DACREF ..................-1V to (AVDD3.3 + 0.3V)
CLKP, CLKN to GND, DACREF.............-0.3V to (AVCLK + 0.3V)
B15P/B15N–B0P/B0N, XORN, XORP, SELIQN,
SELIQP to GND, DACREF ..................-0.3V to (DVDD1.8 + 0.3V)
TORB, PD to GND, DACREF ..............-0.3V to (DVDD3.3 + 0.3V)
Continuous Power Dissipation (TA = +70°C)
68-Pin QFN-EP
(derate 41.7mW/°C above +70°C) (Note 1) ............3333.3mW
Thermal Resistance
θJA (Note 1)...................................+24°C/W
Operating Temperature Range ......................... -40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ........................... -60°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
16
Bits
Integral Nonlinearity
INL
Measured differentially
±3
LSB
Differential Nonlinearity
DNL
Measured differentially
±2
LSB
Offset Error
OS
-0.015
±0.001 +0.015
%FS
Offset-Drift Tempco
±10
ppm/
°C
Full-Scale Gain Error
GEFS
External reference
-4.1
-0.6
+4.1
%FS
Internal reference
±100
Gain-Drift Tempco
External reference
±50
ppm/
°C
Full-Scale Output Current
IOUTFS
(Note 3)
2
20
mA
Output Compliance
Single-ended
-0.5
+1.1
V
Output Resistance
ROUT
1M
Ω
Output Capacitance
COUT
5pF
DYNAMIC PERFORMANCE
Clock Frequency
fCLK
2
500
MHz
Output Update Rate
fDAC
1
250
Msps
fDAC = 150MHz
fOUT = 16MHz, -12dBFS
-164
Noise Spectral Density
fDAC = 250MHz
fOUT = 80MHz, -12dBFS
-161
dBFS/
Hz
ELECTRICAL CHARACTERISTICS
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, GND = 0, fCLK = 2 x fDAC, external reference VREFIO = +1.25V, out-
put load 50
Ω double-terminated, transformer-coupled output, IOUTFS = 20mA, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Note 1: Thermal resistors based on a multilayer board with 4 x 4 via array in exposed paddle area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com