Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5877 Datasheet HTML 9Page - Maxim Integrated Products MAX5877 Datasheet HTML 10Page - Maxim Integrated Products MAX5877 Datasheet HTML 11Page - Maxim Integrated Products MAX5877 Datasheet HTML 12Page - Maxim Integrated Products MAX5877 Datasheet HTML 13Page - Maxim Integrated Products MAX5877 Datasheet HTML 14Page - Maxim Integrated Products MAX5877 Datasheet HTML 15Page - Maxim Integrated Products MAX5877 Datasheet HTML 16Page - Maxim Integrated Products MAX5877 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
______________________________________________________________________________________
13
SELIQP
CLKP-CLKN
DATAIN
I0
Q2
I2
Q1
I1
I3
Q3
Q0
tS
tH
OUTI
OUTQ
tPD
I0 - 5
I0 - 4
I0 - 2
I0 - 3
I0 - 6
Q0 - 6
Q0 - 5
Q0 - 4
Q0 - 3
Q0 - 2
SELIQN
Figure 4. Timing Diagram
Data Timing Relationship
Figure 4 displays the timing relationship between digital
LVDS data, clock, and output signals. The MAX5878
features a 2.0ns hold, a -1.2ns setup, and a 1.1ns prop-
agation delay time. A nine (eight)-clock-cycle latency
exists between CLKP/CLKN and OUTIP/OUTIN
(OUTQP/OUTQN).
LVDS-Compatible Digital Inputs
(B15P/B15N–B0P/B0N, XORP, XORN,
SELIQP, SELIQN)
The MAX5878 latches B15P/N–B0P/N, XORP/N, and
SELIQP/N data on the rising edge of the clock. A logic-
high signal on SELIQP and a logic-low signal on
SELIQN directs data onto the I-DAC inputs. A logic-low
signal on SELIQP and a logic-high signal on SELIQN
directs data onto the Q-DAC inputs.
The MAX5878 features LVDS receivers on the bus input
interface with internal 110
Ω termination resistors. See
Figure 5. XORP and XORN are not internally terminated.
These LVDS inputs (B15P/N–B0P/N) allow for a low differ-
ential voltage swing with low constant power consump-
tion. A 1.25V common-mode level and 250mV differential
input swing can be applied to the B15P/N–B0P/N,
XORP/N, and SELIQP/N inputs.
The MAX5878 includes LVDS-compatible exclusive-OR
inputs (XORP, XORN). Input data (all bits) is compared
with the bits applied to XORP and XORN through exclu-
sive-OR gates. Setting XORP high and XORN low inverts
the input data. Setting XORP low and XORN high leaves
the input data noninverted. By applying a previously
encoded pseudo-random bit stream to the data input
and applying decoding to XORP/XORN, the digital input
data can be decorrelated from the DAC output, allowing
for the troubleshooting of possible spurious or harmonic
distortion degradation due to digital feedthrough on the
PC board. If XOR functionality is not required, connect
XORP to GND and XORN to DVDD1.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com