Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5877 Datasheet HTML 10Page - Maxim Integrated Products MAX5877 Datasheet HTML 11Page - Maxim Integrated Products MAX5877 Datasheet HTML 12Page - Maxim Integrated Products MAX5877 Datasheet HTML 13Page - Maxim Integrated Products MAX5877 Datasheet HTML 14Page - Maxim Integrated Products MAX5877 Datasheet HTML 15Page - Maxim Integrated Products MAX5877 Datasheet HTML 16Page - Maxim Integrated Products MAX5877 Datasheet HTML 17Page - Maxim Integrated Products MAX5877 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
14
______________________________________________________________________________________
CMOS-Compatible Digital Inputs
Input Data Format Select (TORB)
The TORB input selects between two’s-complement or
offset binary digital input data. Set TORB to a CMOS-
logic-high level to indicate a two’s-complement input for-
mat. Set TORB to a CMOS-logic-low level to indicate a
binary input format.
Power-Down Operation (PD)
The MAX5878 also features an active-high power-down
mode that reduces the DAC’s digital current consump-
tion from 36.2mA to less than 5µA and the analog cur-
rent consumption from 84mA to less than 2µA. Set PD
high to power down the MAX5878. Set PD low for nor-
mal operation.
When powered down, the MAX5878 reduces the overall
power consumption to less than 16µW. The MAX5878
requires 10ms to wake up from power-down and enter
a fully operational state. The PD integrated pulldown
resistor activates the MAX5878 if PD is left floating.
Applications Information
CLK Interface
The MAX5878 features a flexible differential clock input
(CLKP, CLKN) with a separate supply (AVCLK) to
achieve optimum jitter performance. Use an ultra-low
jitter clock to achieve the required noise density. Clock
jitter must be less than 0.5psRMS for meeting the speci-
fied noise density. For that reason, the CLKP/CLKN
input source must be designed carefully. The differen-
tial clock (CLKN and CLKP) input can be driven from a
single-ended or a differential clock source. Differential
clock drive is required to achieve the best dynamic
performance from the DAC. For single-ended opera-
tion, drive CLKP with a low noise source and bypass
CLKN to GND with a 0.1µF capacitor.
Figure 6 shows a convenient and quick way to apply a
differential signal created from a single-ended source
(e.g., HP 8662A signal generator) and a wideband trans-
former. Alternatively, these inputs can be driven from a
CMOS-compatible clock source; however, it is recom-
mended to use sinewave or AC-coupled differential
ECL/PECL or LVDS drive for best dynamic performance.
110
Ω
TO
DECODE
LOGIC
D
D
Q
Q
B15P–B0P,
SELIQP
B15N–B0N,
SELIQN
CLOCK
MAX5878
Figure 5. Simplified LVDS-Compatible Digital Input Structure
DIGITAL INPUT CODE
OFFSET BINARY
TWO’S COMPLEMENT
OUT_P
OUT_N
0000 0000 0000 0000
1000 0000 0000 0000
0
IOUTFS
0111 1111 1111 1111
0000 0000 0000 0000
IOUTFS / 2
IOUTFS / 2
1111 1111 1111 1111
0111 1111 1111 1111
IOUTFS
0
Table 2. DAC Output Code Table
WIDEBAND RF TRANSFORMER
PERFORMS SINGLE-ENDED-TO-
DIFFERENTIAL CONVERSION
SINGLE-ENDED
CLOCK SOURCE
(e.g., HP 8662A)
GND
1:1
25
Ω
25
Ω
CLKP
CLKN
TO DAC
0.1
µF
0.1
µF
Figure 6. Differential Clock-Signal Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com