Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5878 is an advanced 16-bit, 250Msps, dual
digital-to-analog converter (DAC). This DAC meets the
demanding performance requirements of signal synthesis
applications found in wireless base stations and other
communications applications. Operating from +3.3V and
+1.8V supplies, this dual DAC offers exceptional dynamic
performance such as 76dBc spurious-free dynamic range
(SFDR) at fOUT = 16MHz and supports update rates of
250Msps, with a power dissipation of only 296mW.
The MAX5878 utilizes a current-steering architecture
that supports a 2mA to 20mA full-scale output current
range, and allows a 0.1VP-P to 1VP-P differential output
voltage swing. The device features an integrated +1.2V
bandgap reference and control amplifier to ensure
high-accuracy and low-noise performance. A separate
reference input (REFIO) allows for the use of an exter-
nal reference source for optimum flexibility and
improved gain accuracy.
The clock inputs of the MAX5878 accept both LVDS
and LVPECL-compatible voltage levels. The device fea-
tures an interleaved data input that allows a single
LVDS bus to support both DACs. The MAX5878 is avail-
able in a 68-pin QFN package with an exposed paddle
(EP) and is specified for the extended temperature
range (-40°C to +85°C).
Refer to the MAX5876* and MAX5877* data sheets for
pin-compatible 12-bit and 14-bit versions of the
MAX5878, respectively. Refer to the MAX5875 data
sheet for a CMOS-compatible version of the MAX5878.
Applications
Base Stations: Single/Multicarrier UMTS, CDMA, GSM
Communications: Fixed Broadband Wireless Access,
Point-to-Point Microwave
Direct Digital Synthesis (DDS)
Cable Modem Termination Systems (CMTS)
Automated Test Equipment (ATE)
Instrumentation
Features
♦ 250Msps Output Update Rate
♦ Noise Spectral Density = -164dBFS/Hz
at fOUT = 16MHz
♦ Excellent SFDR and IMD
SFDR = 76dBc at fOUT = 16MHz (to Nyquist)
SFDR = 71dBc at fOUT = 80MHz (to Nyquist)
IMD = -90dBc at fOUT = 10MHz
IMD = -72dBc at fOUT = 80MHz
♦ ACLR = 75dB at fOUT = 61MHz
♦ 2mA to 20mA Full-Scale Output Current
♦ LVDS-Compatible Digital and Clock Inputs
♦ On-Chip +1.20V Bandgap Reference
♦ Low 296mW Power Dissipation
♦ Compact 68 QFN-EP Package (10mm x 10mm)
♦ Evaluation Kit Available (MAX5878EVKIT)
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
________________________________________________________________ Maxim Integrated Products
1
58
59
60
61
62
54
55
56
57
63
38
39
40
41
42
43
44
45
46
47
DVDD3.3
QFN
TOP VIEW
52
53
B14P
B15N
B15P
SELIQN
SELIQP
XORP
XORN
PD
TORB
CLKP
35
36
37
CLKN
GND
AVCLK
GND
B0N
B0P
B1N
B1P
REFIO
GND
AVDD3.3
GND
GND
B2N
B2P
B3N
B3P
48
B14N
B4N
64
65
66
67
68
23
22
21
20
19
27
26
25
24
18
29
28
32
31
30
34
33
49
50
B13N
B13P
51
B12P
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
FSADJ
17
MAX5878
Pin Configuration
Ordering Information
19-3591; Rev 0; 2/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
**EP = Exposed pad.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
PKG CODE
MAX5878EGK
-40°C to +85°C
68 QFN-EP**
G6800-4
Selector Guide
PART
RESOLUTION
(BITS)
UPDATE
RATE
LOGIC
INPUTS
MAX5873
12
200Msps
CMOS
MAX5874
14
200Msps
CMOS
MAX5875
16
200Msps
CMOS
MAX5876*
12
250Msps
LVDS
MAX5877*
14
250Msps
LVDS
MAX5878
16
250Msps
LVDS
*Future product—contact factory for availability.


Similar Part No. - MAX5877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5877 MAXIM-MAX5877 Datasheet
300Kb / 14P
MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5877EGKD MAXIM-MAX5877EGKD Datasheet
300Kb / 14P
MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
MAX5877EVKIT MAXIM-MAX5877EVKIT Datasheet
300Kb / 14P
MAX5876/MAX5877/MAX5878 Evaluation Kits
Rev 1; 6/07
More results

Similar Description - MAX5877

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
Stereo high performance 16-bit DAC
February 1991
logo
Maxim Integrated Produc...
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com