Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, GND = 0, fCLK = 2 x fDAC, external reference VREFIO = +1.25V, out-
put load 50
Ω double-terminated, transformer-coupled output, IOUTFS = 20mA, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
Note 2: Specifications at TA
≥ +25°C are guaranteed by production testing. Specifications at TA < +25°C are guaranteed by design.
Note 3: Nominal full-scale current IOUTFS = 32 x IREF.
Note 4: This parameter does not include update-rate depending effects of sin(x)/x filtering inherent in the MAX5878.
Note 5: Parameter measured single-ended into a 50
Ω termination resistor.
Note 6: Not production tested. Guaranteed by design.
Note 7: No termination resistance between XORP and XORN.
Note 8: A differential clock input slew rate of >100V/µs is required to achieve the specified dynamic performance.
Note 9: Parameter defined as the change in midscale output caused by a ±5% variation in the nominal supply voltage.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Input Slew Rate
SRCLK
(Note 8)
>100
V/µs
External Common-Mode Voltage
Range
VCOM
AVCLK / 2
±0.3
V
Input Resistance
RCLK
5k
Ω
Input Capacitance
CCLK
2.5
pF
POWER SUPPLIES
AVDD3.3
3.135
3.3
3.465
Analog Supply Voltage Range
AVDD1.8
1.710
1.8
1.890
V
DVDD3.3
3.135
3.3
3.465
Digital Supply Voltage Range
DVDD1.8
1.710
1.8
1.890
V
fDAC = 250Msps, fOUT = 16MHz
52
56
mA
IAVDD3.3
Power-down
1
µA
fDAC = 250Msps, fOUT = 16MHz
32
36
mA
Analog Supply
Current
IAVDD1.8
Power-down
1
µA
fDAC = 250Msps, fOUT = 16MHz
0.2
1
mA
IDVDD3.3
Power-down
1
µA
fDAC = 250Msps, fOUT = 16MHz
36
40
mA
Digital Supply
Current
IDVDD1.8
Power-down
4
µA
fDAC = 250Msps, fOUT = 16MHz
296
324
mW
Power Dissipation
PDISS
Power-down
16
µW
Power-Supply
Rejection Ratio
PSRR
AVDD3.3 = AVCLK = DVDD3.3 = +3.3V
±5%
(Notes 8, 9)
-0.1
+0.1
%FS/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com