Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products MAX5877 Datasheet HTML 10Page - Maxim Integrated Products MAX5877 Datasheet HTML 11Page - Maxim Integrated Products MAX5877 Datasheet HTML 12Page - Maxim Integrated Products MAX5877 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
B4N
Complementary Data Bit 4
2
B3P
Data Bit 3
3
B3N
Complementary Data Bit 3
4
B2P
Data Bit 2
5
B2N
Complementary Data Bit 2
6
B1P
Data Bit 1
7
B1N
Complementary Data Bit 1
8
B0P
Data Bit 0 (LSB)
9
B0N
Complementary Data Bit 0 (LSB)
10, 12, 13, 15,
20, 23, 26, 27,
30, 33, 36
GND
Ground
11
DVDD3.3
Digital Supply Voltage. Accepts a 3.135V to 3.465V supply voltage range. Bypass with a 0.1µF
capacitor to GND.
14, 21, 22, 31,
32
AVDD3.3
Analog Supply Voltage. Accepts a 3.135V to 3.465V supply voltage range. Bypass each pin with
a 0.1µF capacitor to GND.
16
REFIO
Reference I/O. Output of the internal 1.2V precision bandgap reference. Bypass with a 1µF
capacitor to GND. REFIO can be driven with an external reference source. See Table 1.
17
FSADJ
Full-Scale Adjust Input. This input sets the full-scale output current of the DAC. For a 20mA full-
scale output current, connect a 2k
Ω resistor between FSADJ and DACREF. See Table 1.
18
DACREF
Current-Set Resistor Return Path. Internally connected to GND. Do not use as an external
ground connection.
19, 34
AVDD1.8
Analog Supply Voltage. Accepts a 1.71V to 1.89V supply voltage range. Bypass each pin with a
0.1µF capacitor to GND.
24
OUTQN
Complementary Q-DAC Output. Negative terminal for current output.
25
OUTQP
Q-DAC Output. Positive terminal for current output.
28
OUTIN
Complementary I-DAC Output. Negative terminal for current output.
29
OUTIP
I-DAC Output. Positive terminal for current output.
35
AVCLK
Clock Supply Voltage. Accepts a 3.135V to 3.465V supply voltage range. Bypass with a 0.1µF
capacitor to GND.
37
CLKN
Complementary Converter Clock Input. Negative input terminal for differential converter clock.
Internally biased to AVCLK / 2.
38
CLKP
Converter Clock Input. Positive input terminal for differential converter clock. Internally biased to
AVCLK / 2.
39
TORB
Two’s-Complement/Binary Select Input. Set TORB to a CMOS-logic-high level to indicate a two’s-
complement input format. Set TORB to a CMOS-logic-low level to indicate a binary input format.
TORB has an internal pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com