Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products MAX5877 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
6
_______________________________________________________________________________________
SINGLE-TONE SFDR vs. OUTPUT
FREQUENCY (fCLK = 50Msps)
fOUT (MHz)
20
15
10
5
20
40
60
80
100
0
025
-12dBFS
-6dBFS
0dBFS
SINGLE-TONE SFDR vs. OUTPUT
FREQUENCY (fCLK = 100Msps)
fOUT (MHz)
40
30
20
10
20
40
60
80
100
0
050
-12dBFS
-6dBFS
0dBFS
SINGLE-TONE SFDR vs. OUTPUT
FREQUENCY (fCLK = 150Msps)
fOUT (MHz)
60
45
30
15
20
40
60
80
100
0
075
-12dBFS
-6dBFS
0dBFS
Typical Operating Characteristics
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, external reference, VREFIO = +1.25V, RL = 50
Ω double-terminated,
IOUTFS = 20mA, TA = +25°C, unless otherwise noted.)
SINGLE-TONE SFDR vs. OUTPUT
FREQUENCY (fCLK = 200Msps)
fOUT (MHz)
80
60
40
20
20
40
60
80
100
0
0100
-12dBFS
-6dBFS
0dBFS
SINGLE-TONE SFDR vs. OUTPUT
FREQUENCY (fCLK = 250Msps)
fOUT (MHz)
100
75
50
25
20
40
60
80
100
0
0
125
-12dBFS
-6dBFS
0dBFS
TWO-TONE IMD vs. OUTPUT FREQUENCY
(1MHz CARRIER SPACING, fCLK = 100Msps)
fOUT (MHz)
35
30
25
20
15
10
-90
-80
-110
-70
-60
-100
540
-6dBFS
-12dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com