Electronic Components Datasheet Search
  English  ▼

X  

MAX5877 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5877
Description  16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5877 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5877 Datasheet HTML 1Page - Maxim Integrated Products MAX5877 Datasheet HTML 2Page - Maxim Integrated Products MAX5877 Datasheet HTML 3Page - Maxim Integrated Products MAX5877 Datasheet HTML 4Page - Maxim Integrated Products MAX5877 Datasheet HTML 5Page - Maxim Integrated Products MAX5877 Datasheet HTML 6Page - Maxim Integrated Products MAX5877 Datasheet HTML 7Page - Maxim Integrated Products MAX5877 Datasheet HTML 8Page - Maxim Integrated Products MAX5877 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
16-Bit, 250Msps, High-Dynamic-Performance,
Dual DAC with LVDS Inputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD3.3 = DVDD3.3 = AVCLK = +3.3V, AVDD1.8 = DVDD1.8 = +1.8V, GND = 0, fCLK = 2 x fDAC, external reference VREFIO = +1.25V, out-
put load 50
Ω double-terminated, transformer-coupled output, IOUTFS = 20mA, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fOUT = 1MHz, 0dBFS
94
fOUT = 1MHz, -6dBFS
87
fOUT = 1MHz, -12dBFS
81
fOUT = 10MHz, -12dBFS
81
fDAC = 100MHz
fOUT = 30MHz, -12dBFS
79
fOUT = 10MHz, -12dBFS
75
fOUT = 16MHz, -12dBFS,
TA
≥ +25oC
69
76
fOUT = 16MHz, -12dBFS
67
76
fOUT = 50MHz, -12dBFS
73
fDAC = 200MHz
fOUT = 80MHz, -12dBFS
71
fOUT = 10MHz, -12dBFS
74
fOUT = 50MHz, -12dBFS
75
fOUT = 80MHz, -12dBFS
71
Spurious-Free Dynamic Range
to Nyquist
SFDR
fDAC = 250MHz
fOUT = 100MHz, -12dBFS
69
dBc
Spurious-Free Dynamic Range,
25MHz Bandwidth
SFDR
fDAC = 150MHz
fOUT = 16MHz, -12dBFS
78
dBc
fDAC = 100MHz
fOUT1 = 9MHz, -7dBFS;
fOUT2 = 10MHz, -7dBFS
-90
Two-Tone IMD
TTIMD
fDAC = 200MHz
fOUT1 = 79MHz, -7dBFS;
fOUT2 = 80MHz, -7dBFS
-72
dBc
Four-Tone IMD, 1MHz
Frequency Spacing, GSM Model
FTIMD
fDAC = 150MHz
fOUT = 16MHz, -12dBFS
-80
dBc
Adjacent Channel Leakage Power
Ratio 3.84MHz Bandwidth,
W-CDMA Model
ACLR
fDAC =
184.32MHz
fOUT = 61.44MHz
75
dB
Output Bandwidth
BW-1dB
(Note 4)
240
MHz
INTER-DAC CHARACTERISTICS
fOUT = DC - 80MHz
±0.2
Gain Matching
∆Gain
fOUT = DC
-0.22
+0.01
+0.22
dB
Gain-Matching Tempco
∆Gain/°C
±20
ppm/
°C
Phase Matching
∆Phase
fOUT = 60MHz
±0.25
Degrees
Phase-Matching Tempco
∆Phase/°C fOUT = 60MHz
±0.002
Degrees/
°C
Channel-to-Channel Crosstalk
fCLK = 400MHz, fOUT = 50MHz, 0dBFS
86
dB
REFERENCE
Internal Reference Voltage Range
VREFIO
1.14
1.2
1.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com