Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 31Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 32Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 33Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 34Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 35Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 36Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 37Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 38Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 35 of 83
MB90350 Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
B0H
Interrupt Control Register 00
ICR00
W,R/W
Interrupt Control
00000111B
B1H
Interrupt Control Register 01
ICR01
W,R/W
00000111B
B2H
Interrupt Control Register 02
ICR02
W,R/W
00000111B
B3H
Interrupt Control Register 03
ICR03
W,R/W
00000111B
B4H
Interrupt Control Register 04
ICR04
W,R/W
00000111B
B5H
Interrupt Control Register 05
ICR05
W,R/W
00000111B
B6H
Interrupt Control Register 06
ICR06
W,R/W
00000111B
B7H
Interrupt Control Register 07
ICR07
W,R/W
00000111B
B8H
Interrupt Control Register 08
ICR08
W,R/W
00000111B
B9H
Interrupt Control Register 09
ICR09
W,R/W
00000111B
BAH
Interrupt Control Register 10
ICR10
W,R/W
00000111B
BBH
Interrupt Control Register 11
ICR11
W,R/W
00000111B
BCH
Interrupt Control Register 12
ICR12
W,R/W
00000111B
BDH
Interrupt Control Register 13
ICR13
W,R/W
00000111B
BEH
Interrupt Control Register 14
ICR14
W,R/W
00000111B
BFH
Interrupt Control Register 15
ICR15
W,R/W
00000111B
C0H to C9H
Reserved
CAH
External Interrupt Enable Register 1
ENIR1
R/W
External Interrupt 1
00000000B
CBH
External Interrupt Source Register 1
EIRR1
R/W
XXXXXXXXB
CCH
External Interrupt Level Register 1
ELVR1
R/W
00000000B
CDH
External Interrupt Level Register 1
ELVR1
R/W
00000000B
CEH
External Interrupt Source Select Register
EISSR
R/W
00000000B
CFH
PLL/Sub clock Control register
PSCCR
W
PLL
XXXX0000B
D0H
DMA Buffer Address Pointer L
BAPL
R/W
DMA
XXXXXXXXB
D1H
DMA Buffer Address Pointer M
BAPM
R/W
XXXXXXXXB
D2H
DMA Buffer Address Pointer H
BAPH
R/W
XXXXXXXXB
D3H
DMA Control Register
DMACS
R/W
XXXXXXXXB
D4H
I/O Register Address Pointer L
IOAL
R/W
XXXXXXXXB
D5H
I/O Register Address Pointer H
IOAH
R/W
XXXXXXXXB
D6H
Data Counter L
DCTL
R/W
XXXXXXXXB
D7H
Data Counter H
DCTH
R/W
XXXXXXXXB
D8H
Serial Mode Register 2
SMR2
W,R/W
UART2
00000000B
D9H
Serial Control Register 2
SCR2
W,R/W
00000000B
DAH
Reception/Transmission Data Register 2
RDR2/TDR2
R/W
00000000B
DBH
Serial Status Register 2
SSR2
R,R/W
00001000B
DCH
Extended Communication Control Register 2
ECCR2
R,W,
R/W
000000XXB
DDH
Extended Status/Control Register 2
ESCR2
R/W
00000100B
DEH
Baud Rate Generator Register 20
BGR20
R/W
00000000B
DFH
Baud Rate Generator Register 21
BGR21
R/W
00000000B
E0H to EFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com