Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 7Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 8Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 9Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 10Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 11Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 12Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 13Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 14Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 11 of 83
MB90350 Series
(Continued)
* : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual about details.
Part Number
Parameter
MB90356A,
MB90357A
MB90356TA,
MB90357TA
MB90356AS,
MB90357AS
MB90356TAS,
MB90357TAS
MB90V340A-
103
MB90V340A-
104
16-bit Input Capture
6 channels
8 channels
Retains freerun timer value by (rising edge, falling edge or rising & falling edge), signals an interrupt.
8/16-bit
Programmable Pulse
Generator
6 channels (16-bit)/10 channels (8-bit)
8-bit reload counters × 12
8-bit reload registers for L pulse width × 12
8-bit reload registers for H pulse width × 12
8 channels (16-bit)/16 channels
(8-bit)
8-bit reload counters × 16
8-bit reload registers for
L pulse width × 16
8-bit reload registers for
H pulse width × 16
Supports 8-bit and 16-bit operation modes.
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler
8-bit reload counter.
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128 μs@fosc
4 MHz
(fsys
Machine clock frequency, fosc Oscillation clock frequency)
CAN Interface
1 channel
3 channels
Conforms to CAN Specification Version 2.0 Part A and B.
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
Prioritized 16 message buffers for data and ID
Supports multiple messages.
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps.
External Interrupt
8 channels
16 channels
Can be used rising edge, falling edge, starting up by H/L level input, external interrupt,
extended intelligent I/O services (EI2OS) and DMA.
D/A converter
—
2 channels
I/O Ports
Virtually all external pins can be used as general purpose I/O port.
All push-pull outputs
Bit-wise settable as input/output or peripheral module signal
Settable as CMOS schmitt trigger/ automotive inputs
TTL input level settable for external bus (only for external bus pin)
Flash Memory
—
Corresponding EVA
name
MB90V340A-104
MB90V340A-103
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com