Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 48Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 49Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 50Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 51Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 52Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 53Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 54Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 55Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 52 of 83
MB90350 Series
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Output L
voltage
VOL
Normal
outputs
VCC 4.5 V,
IOL 4.0 mA
——
0.4
V
Output L
voltage
VOLI
I2C current
outputs
VCC 4.5 V,
IOL 3.0 mA
——
0.4
V
Input leak
current
IIL
—
VCC 5.5 V,
VSS<VI<VCC
1—
1
µA
Pull-up
resistance
RUP
P00 to P07,
P10 to P17,
P20 to P25,
P30 to P37,
RST
—
25
50
100
kΩ
Pull-down
resistance
RDOWN
MD2
—
25
50
100
kΩ
Except Flash
memory devices
Power supply
current
ICC
VCC
VCC 5.0 V,
Internal frequency : 24 MHz,
At normal operation.
—48
60
mA
VCC 5.0 V,
Internal frequency : 24 MHz,
At writing FLASH memory.
—53
65
mA
Flash memory
devices
VCC 5.0 V,
Internal frequency : 24 MHz,
At erasing FLASH memory.
—58
70
mA
Flash memory
devices
ICCS
VCC 5.0 V,
Internal frequency : 24 MHz,
At Sleep mode.
—25
35
mA
ICTS
VCC 5.0 V,
Internal frequency : 2 MHz,
At Main Timer mode
—0.3
0.8
mA
Devices
without
“T”-suffix
—0.4
1.0
mA Devices
with “T”-suffix
ICTSPLL
6
VCC 5.0 V,
Internal frequency : 24 MHz,
At PLL Timer mode,
external frequency
4 MHz
—4
7
mA
ICCL
VCC = 5.0 V,
Internal frequency: 8 kHz,
During stopping clock
monitor function,
At sub clock operation
TA = 25C
—
70
140
μA
MB90F351
MB90F352
MB90F351A
MB90F352A
MB90F356A
MB90F357A
MB90351A
MB90352A
MB90356A
MB90357A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com