Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 46Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 47Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 48Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 49Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 50Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 51Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 52Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 53Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 50 of 83
MB90350 Series
15.2 Recommended Operating Conditions
(VSS AVSS 0 V)
* : If used exceeding TA  105 °C, be sure to contact sales for reliability limitations.
WARNING:
The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device. All of the device's electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.0
5.0
5.5
V
Under normal operation
3.5
5.0
5.5
V
Under normal operation, when not using the A/D
converter and not Flash programming.
4.5
5.0
5.5
V
When External bus is used.
3.0
—
5.5
V
Maintains RAM data in stop mode
Smooth capacitor
CS
0.1
—
1.0
μF
Use a ceramic capacitor or capacitor of better AC
characteristics. Bypass capacitor at the VCC pin
should be greater than this capacitor.
Operating temperature
TA
40
—
105
°C MB90F352(S) fCP ≤ 24MHz
40
—
125
°C *, MB90F352(S) fCP ≤ 16MHz,
Devices with A-suffix
C
CS
■ C Pin Connection Diagram
24
16
− 40
+105
+125
Operation guaranteed range
Operation temperature TA (
°C)
MB90F351(S),
MB90F352(S)
Device other
than above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com