Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 47Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 48Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 49Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 50Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 51Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 52Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 53Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 54Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 51 of 83
MB90350 Series
15.3 DC Characteristics
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(Continued)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H
voltage
(At VCC
5 V
10%)
VIHS
—
—
0.8 VCC
—VCC 0.3
V
Pin inputs if CMOS
hysteresis input levels are
selected (except P12, P15,
P44, P45, P50)
VIHA
—
—
0.8 VCC
—VCC 0.3
V
Pin inputs if
AUTOMOTIVE input
levels are selected
VIHT
——
2.0
—
VCC 0.3
V
Pin inputs if TTL input levels
are selected
VIHS
—
—
0.7 VCC
—VCC 0.3
V
P12, P15, P50 inputs if CMOS
input levels are selected
VIHI
—
—
0.7 VCC
—VCC 0.3
V
P44, P45 inputs if CMOS
hysteresis input levels are
selected
VIHR
—
—
0.8 VCC
—VCC 0.3
V
RST input pin (CMOS
hysteresis)
VIHM
——
VCC 0.3
—
VCC 0.3
V
MD input pin
Input L
voltage
(At VCC
5 V
10%)
VILS
——
VSS 0.3
—
0.2 VCC
V
Pin inputs if CMOS
hysteresis input levels are
selected (except P12, P15,
P44, P45, P50)
VILA
——
VSS 0.3
—
0.5 VCC
V
Pin inputs if
AUTOMOTIVE input
levels are selected
VILT
——
VSS 0.3
—
0.8
V
Pin inputs if TTL
input levels are selected
VILS
——
VSS 0.3
—
0.3 VCC
V
P12, P15, P50 inputs if CMOS
input levels are selected
VILI
——
VSS 0.3
—
0.3 VCC
V
P44, P45 inputs if CMOS
hysteresis input levels are
selected
VILR
——
VSS 0.3
—
0.2 VCC
V
RST input pin (CMOS
hysteresis)
VILM
——
VSS 0.3
—
VSS 0.3
V
MD input pin
Output H
voltage
VOH
Normal
outputs
VCC 4.5 V,
IOH  4.0 mA
VCC 0.5
—
—
V
Output H
voltage
VOHI
I2C current
outputs
VCC 4.5 V,
IOH  3.0 mA
VCC 0.5
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com