Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 6Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 7Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 8Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 9Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 10Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 11Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 12Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 13Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 10 of 83
MB90350 Series
4. Product Lineup 4
(Continued)
Part Number
Parameter
MB90356A,
MB90357A
MB90356TA,
MB90357TA
MB90356AS,
MB90357AS
MB90356TAS,
MB90357TAS
MB90V340A-
103
MB90V340A-
104
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL × 6)
ROM
MASK ROM
64Kbytes :MB90356A(S), MB90356TA(S)
128Kbytes :MB90357A(S), MB90357TA(S)
External
RAM
4 Kbytes
30 Kbytes
Emulator-specific power
supply*
—Yes
Sub clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can be
used as sub clock)
No
(internal CR
oscillation can
be used as sub
clock)
Yes
Clock monitor
function
Yes
Low voltage/CPU
operation detection
reset
No
Yes
No
Yes
No
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter
4.5 V to 5.5 V : at using external bus
5 V
10%
Operating
temperature range
40 °C to 125 °C
—
Package
LQFP-64
PGA-299
UART
2 channels
5 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 Kbps)
1 channel
2 channels
A/D Converter
15 channels
24 channels
10-bit or 8-bit resolution
Conversion time : Min 3
s includes sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
Machine clock frequency)
Supports External Event Count function.
16-bit I/O Timer
(2 channels)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1.
I/O Timer 1 (clock input FRCK1) corresponds to
ICU 4/5/6/7, OCU 4/5/6/7.
I/O Timer 0 corresponds to ICU
0/1/2/3, OCU 0/1/2/3.
I/O Timer 1 corresponds to ICU
4/5/6/7, OCU 4/5/6/7.
Signals an interrupt when overflowing.
Supports Timer Clear when a match with Output Compare (Channel 0, 4) .
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
Machine clock frequency)
16-bit Output
Compare
4 channels
8 channels
Signals an interrupt when 16-bit I/O Timer matches with output compare registers.
A pair of compare registers can be used to generate an output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com