Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 62Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 63Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 64Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 65Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 66Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 67Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 68Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 69Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 66 of 83
MB90350 Series
15.4.9 UART 2/3
(MB90F352(S)/MB90F351(S): TA  40 °C to 105 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
(MB90F352(S)/MB90F351(S): TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 16 MHz, VSS AVSS 0 V)
(Device other than above: TA  40 °C to 125 °C, VCC 5.0 V 10%, fCP ≤ 24 MHz, VSS AVSS 0 V)
* : Refer to “ (1) Clock timing” rating for tCP (internal operating clock cycle time).
Notes :
■ AC characteristic in CLK synchronized mode.
■ CL is load capacity value of pins when testing.
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK2, SCK3
Internal shift clock
mode output pins are
CL
80 pF 1 TTL
8 tCP*—
ns
SCK ↓ → SOT delay time
tSLOV
SCK2, SCK3,
SOT2, SOT3
80
80
ns
Valid SIN → SCK ↑
tIVSH
SCK2, SCK3,
SIN2, SIN3
100
—
ns
SCK ↑ → Valid SIN hold time
tSHIX
SCK2, SCK3,
SIN2, SIN3
60
—
ns
Serial clock “H” pulse width
tSHSL
SCK2, SCK3
External shift clock
mode output pins are
CL
80 pF 1 TTL
4 tCP
—ns
Serial clock “L” pulse width
tSLSH
SCK2, SCK3
4 tCP
—ns
SCK ↓ → SOT delay time
tSLOV
SCK2, SCK3,
SOT2, SOT3
—
150
ns
Valid SIN → SCK ↑
tIVSH
SCK2, SCK3,
SIN2, SIN3
60
—
ns
SCK ↑ → Valid SIN hold time
tSHIX
SCK2, SCK3,
SIN2, SIN3
60
—
ns
■ Internal Shift Clock Mode
SCK
2.4 V
tSCYC
0.8 V
SOT
0.8 V
2.4 V
0.8 V
tSLOV
SIN
VIL
VIH
tIVSH
VIL
VIH
tSHIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com