Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 54Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 55Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 56Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 57Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 58Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 59Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 60Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 61Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 58 of 83
MB90350 Series
■ PLL guaranteed operation range
Guaranteed operation range of MB90350 series
*1 : Guaranteed 1 multiplied PLL operation range is 4.0 MHz to 20 MHz.
*2 : When using crystal oscillator or ceramic oscillator, the maximum clock frequency is 16 MHz.
External clock frequency and internal operation clock frequency
5.5
3.5
4
1.5
24
4.5
8
20
Guaranteed A/D converter
operation range
Guaranteed PLL operation range (CS2=0)
Guaranteed PLL operation range (CS2=1)
Guaranteed operation range
Internal clock fCP (MHz)
20
16
12
8
4.0
1.5
34
8
24
12
20
×1/2
(PLL off)
16
Guaranteed oscillation frequency range
4 multiplied
(CS=11)
3 multiplied
(CS=10)
2 multiplied
(CS=01)
1 multiplied
(CS=00)
External clock fC (MHz) *1
CS2(bit0 of PSCCR register) = 0
24
16
12
8
4.0
1.5
34
8
24
12
16
×1/2
(PLL off)
Guaranteed oscillation frequency range
6 multiplied
(CS=10)
4 multiplied
(CS=01)
2 multiplied
(CS=00)
External clock fC (MHz) *2
CS2(bit0 of PSCCR register) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com