Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 21Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 22Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 23Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 24Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 25Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 26Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 27Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 28Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 25 of 83
MB90350 Series
9.16 Flash security Function
The security byte is located in the area of the flash memory.
If protection code 01H is written in the security byte, the flash memory is in the protected state by security.
Therefore please do not write 01H in this address if you do not use the security function.
Please refer to following table for the address of the security byte.
9.17 Correspondence with TA  105 °C or more
If used exceeding TA  105 °C, please contact sales representatives for reliability limitations.
9.18 Low voltage/CPU operation reset circuit
The low voltage detection reset circuit is a function that monitors power supply voltage in order to detect when a voltage drops below
a given voltage level. When a low voltage condition is detected, an internal reset signal is generated.
The CPU operation detection reset circuit is a 20-bit counter that uses oscillation as a count clock and generates an internal reset
signal if not cleared within a given time after startup.
9.18.1 Low voltage detection reset circuit
When a low voltage condition is detected, the low voltage detection flag (LVRC: LVRF) is set to “1” and an internal reset signal is output.
Because the low voltage detection reset circuit continues to operate even in stop mode, detection of a low voltage condition generates
an internal reset and releases stop mode.
During an internal RAM write cycle, low voltage reset is generated after the completion of writing. During the output of this internal
reset, the reset output from the low voltage detection reset circuit is suppressed.
9.18.2 CPU operation detection reset circuit
The CPU operation detection reset circuit is a counter that prevents program runaway. The counter starts automatically after a
power-on reset, and must be continually cleared within a given time. If the given time interval elapses and the counter has not been
cleared, a cause such as infinite program looping is assumed and an internal reset signal is generated. The internal reset generated
from the CPU operation detection circuit has a width of 5 machine cycles.
* : This value assumes the interval time at an oscillation clock frequency of 4 MHz.
During recovery from standby mode, the detection period is the maximum interval plus 20 μs.
This circuit does not operate in modes where CPU operation is stopped.
The CPU operation detection reset circuit counter is cleared under any of the following conditions.
■ “0” writing to CL bit of LVRC register
■ Internal reset
■ Main oscillation clock stop
■ Transit to sleep mode
■ Transit to timebase timer mode and watch mode
Flash memory size
Address for security bit
MB90F352(S)
MB90F352A(S)
MB90F352TA(S)
MB90F357A(S)
MB90F357TA(S)
Embedded 1 Mbit Flash Memory
FE0001H
Detection voltage
4.0 V
0.3 V
Interval time
220/FC (approx. 262 ms*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com