Electronic Components Datasheet Search
  English  ▼

X  

MB90352ASPMC Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB90352ASPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 36Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 37Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 38Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 39Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 40Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 41Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 42Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 43Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 40 of 83
MB90350 Series
13. CAN Controllers
The CAN controller has the following features :
■ Conforms to CAN Specification Version 2.0 Part A and B
❐ Supports transmission/reception in standard frame and extended frame formats
■ Supports transmitting of data frames by receiving remote frames
■ 16 transmitting/receiving message buffers
❐ 29-bit ID and 8-byte data
❐ Multi-level message buffer configuration
■ Provides full-bit comparison, full-bit mask, acceptance register 0/acceptance register 1 for each message buffer as ID acceptance
mask
❐ Two acceptance mask registers in either standard frame format or extended frame formats
■ Bit rate programmable from 10 Kbps to 2 Mbps (when input clock is at 16 MHz)
List of Control Registers
(Continued)
Address
Register
Abbreviation
Access
Initial Value
CAN1
000080H
Message buffer enable register
BVALR
R/W
00000000B
00000000B
000081H
000082H
Transmit request register
TREQR
R/W
00000000B
00000000B
000083H
000084H
Transmit cancel register
TCANR
W
00000000B
00000000B
000085H
000086H
Transmission complete register
TCR
R/W
00000000B
00000000B
000087H
000088H
Receive complete register
RCR
R/W
00000000B
00000000B
000089H
00008AH
Remote request receiving register
RRTRR
R/W
00000000B
00000000B
00008BH
00008CH
Receive overrun register
ROVRR
R/W
00000000B
00000000B
00008DH
00008EH
Reception interrupt
enable register
RIER
R/W
00000000B
00000000B
00008FH
007D00H
Control status register
CSR
R/W, W
R/W, R
0XXXX0X1B
00XXX000B
007D01H
007D02H
Last event indicator register
LEIR
R/W
000X0000B
XXXXXXXXB
007D03H
007D04H
Receive/transmit error counter
RTEC
R
00000000B
00000000B
007D05H
007D06H
Bit timing register
BTR
R/W
11111111B
X1111111B
007D07H
007D08H
IDE register
IDER
R/W
XXXXXXXXB
XXXXXXXXB
007D09H
007D0AH
Transmit RTR register
TRTRR
R/W
00000000B
00000000B
007D0BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com