Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 23 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 23 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 19Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 20Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 21Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 27Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Hardware Signal Definition Table
Page 11
A02
A03
B04
A04
R03
R02
T03
T02
204
203
202
201
59
58
57
56
206
205
204
203
57
56
55
54
CRS_DV{1:8}
O3S
Carrier Sense/Receive Data Valid. In RMII
mode, CRS_DV shall be asserted by the PHY
when the medium is non-idle. The data on
RXD1,RXD0 is considered valid once
CRS_DV is asserted. During a false carrier
event, CRS_DV shall remain asserted for the
duration of carrier activity. CRS_DV is not
synchronized with respect to REF_CLK.
D14
D15
E14
E15
F12
F13
G12
G14
H12
H13
J12
J14
K12
K13
L12
L14
151
152
147
148
141
142
137
138
129
130
125
126
119
120
115
116
151
152
147
148
141
142
137
138
129
130
125
126
119
120
115
116
RXD1{1}
RXD0{1}
RXD1{2}
RXD0{2}
RXD1{3}
RXD0{3}
RXD1{4}
RXD0{4}
RXD1{5}
RXD0{5}
RXD1{6}
RXD0{6}
RXD1{7}
RXD0{7}
RXD1{8}
RXD0{8}
O3S
Receive Data Outputs. In RMII mode,
RXD1,RXD0 data is output synchronous with
REF_CLK. For each clock period in which
CRS_DV is asserted, RXD1,RXD0 transfers 2
bits of data from the PHY. RXD1 is the most
significant bit.
In SMII mode, the RXD0{1:8} form the SRXD
pins for each PHY.
D02
D01
C02
C01
N03
M01
M02
L01
8
7
6
5
43
42
41
40
8
7
6
5
43
42
41
40
RX_ER{1:8}
O3S
Receive Error Detected. In RMII mode,
RX_ER is asserted high for one or more
REF_CLK periods to indicate that an error
was detected somewhere in the frame
presently being transferred from the PHY.
RX_ER transitions synchronously with
respect to REF_CLK.
Serial Media Independent Interface (SMII)
H01
23
23
SMII_EN/SLED_CLK
I/OPU
SMII Enable. Active high. An active high or
being left unconnected during power-on reset
selects the SMII mode, while an active low
selects the RMII mode.
Serial LED Clock. After power-on reset, if
Serial or Low-Cost Serial LED mode is
enabled, this pin sources the clock for serial
data SLED_DO. For details, see “LED
Modes” on page 29.
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com