Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 68 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 68 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 64Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 65Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 66Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 67Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 68Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 69Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 70Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 71Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 72Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 56
Auxiliary Mode 2 Register
Document
5228-DS09-405-R
INTR Status. Represents status of the INTR# pin. A 1 indicates that the interrupt mask is off and that one or more of the
change bits are set. A register read clears the bit.
AUXILIARY MODE 2 REGISTER
10BASE-T Dribble Bit Correct. When enabled, the PHY rounds-down to the nearest nibble when dribble bits are present
on the 10BASE-T input stream.
Jumbo Packet Enable. When enabled, the 100BASE-X unlock timer changes to allow long packets. See
Table 5 on page 27 for details.
Jumbo Packet FIFO Enable. When enabled, the RMII/SMII/S3MII receive FIFO doubles from 7 nibbles to 14 nibbles. The
Jumbo Packet FIFO Enable bit should be set to a 1 when jumbo packet mode is enabled. See Table 4 on page 27 and
Table 5 on page 27 for details.
Table 35: Auxiliary Mode 2 Register (Address 27d, 1Bh)
BIt
Name
R/W
Description
Default
15:12
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
––
0
11
10BASE-T Dribble Bit
Correct
R/W
1 = Enable
0 = Disable
0
10
Jumbo Packet Enable
R/W
1 = Enable
0 = Disable
0
9
Jumbo Packet FIFO Enable
R/W
1 = Enable
0 = Disable
0
8
Reserveda
––
0
7
Block 10BASE-T Echo
Mode
R/W
1 = Enable
0 = Disable
1
6
Traffic Meter LED Mode
R/W
1 = Enable
0 = Disable
0
5
Activity LED Force On
R/W
1 = On
0 = Normal operation
0
4
Reserveda
––
1
3
Reserveda
––
1
2
Activity/Link LED Mode
R/W
1 = Enable
0 = Disable
0
1
Qual Parallel Detect Mode
R/W
1 = Enable
0 = Disable
1
0
Reserveda
––
0
Note: R/W = Read/Write, RO = Read Only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL and LH Clear
after read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com