Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 43Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 44Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 45Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 46Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 47Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 51Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Register Summary
Page 35
Sec t i on 6: Re gi st er Su mm a r y
MII MANAGEMENT INTERFACE: REGISTER PROGRAMMING
The BCM5228 fully complies with the IEEE 802.3u Media Independent Interface (MII) specification. The MII management
interface registers of each port are serially written-to and read from using a common set of MDIO and MDC pins. A single
clock waveform must be provided to the BCM5228 at a rate of 0–25 MHz through the MDC pin. The serial data is
communicated on the MDIO pin. Every MDIO bit must have the same period as the MDC clock. The MDIO bits are latched
on the rising edge of the MDC clock. Every MII read or write instruction frame contains the following fields:
Preamble (PRE). Thirty-two consecutive 1 bits must be sent through the MDIO pin to the BCM5228 to signal the beginning
of an RMII instruction. Fewer than thirty-two 1 bits causes the remainder of the instruction to be ignored.
Start of Frame (ST). A 01 pattern indicates that the start of the instruction follows.
Operation Code (OP). A Read instruction is indicated by 10, while a Write instruction is indicated by 01.
PHY Address (PHYAD). A 5-bit PHY address follows next, with the MSB transmitted first. The PHY address allows a single
MDIO bus to access multiple PHY chips. The BCM5228 supports a complete address space with PHYAD[4:0] input-pins
used as the base address for selecting one of the eight transceivers.
Register Address (REGAD). A 5-bit register address follows, with the MSB transmitted first. The register map of the
BCM5228, containing register addresses and bit definitions, are provided on the following pages.
Turnaround (TA). The next two bit times are used to avoid contention on the MDIO pin when a Read operation is performed.
For a Write operation, 10 must be sent to the BCM5228 chip during these two bit times. For a Read operation, the MDIO pin
must be placed into High-Impedance during these two bit times. The chip drives the MDIO pin to 0 during the second bit time.
Data. The last 16 bits of the frame are the actual data bits. For a Write operation, these bits are sent to the BCM5228,
whereas, for a read operation, these bits are driven by the BCM5228. In either case, the MSB is transmitted first. When
writing to the BCM5228, the data field bits must be stable 10 ns before the rising edge of MDC, and must be held valid for
10 ns after the rising edge of MDC. When reading from the BCM5228, the data field bits are valid after the rising-edge of
MDC until the next rising edge of MDC.
Idle. A high impedance state of the MDIO line. All tri-state drivers are disabled and the PHY’s pull-up resistor pulls the MDIO
line to logic 1.
Table 16: MII Management Frame Format
Operation
PRE
ST
OP
PHYAD
REGAD
TA
Data
Idle
Direction
Read
1 ... 1
01
10
AAAAA
RRRRR
ZZ
Z0
Z ... Z
D ... D
Z
Z
Driven to BCM5228
Driven by BCM5228
Write
1 ... 1
01
01
AAAAA
RRRRR
10
D ... D
Z
Driven to BCM5228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com