Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 89 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 89 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 85Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 86Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 87Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 88Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 89Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 90Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 91Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 92Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 93Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Electrical Characteristics
Page 77
VOL
Low-level
output voltage
All digital outputs
IOL = 8 mA
–
–
0.4
V
TD± {1:8}
Driving loaded
magnetics module
DVDD
− 1.5
––
V
VODIFF
Differential
output voltage
TD± {1:8}
100BASE-FX
mode
400
––
mV
II
Input current
Digital inputs with
pull-up resistors
VI = OVDD
–
–
+100
µA
VI = DGND
–
–
-200
µA
Digital inputs with
pull-down resistors
VI = OVDD
–
–
+200
µA
VI = DGND
–
–
–100
µA
All other digital
inputs
DGND
≤ VI ≤
OVDD
––
±100
µA
IOZ
High-impedance
output current
All three-state
outputs
DGND
≤ VO ≤
OVDD
––
–
µA
All open-drain
outputs
VO = OVDD
––
–
µA
Vbias
Bias voltage
VREF, RDAC
–
1.18
–
1.30
V
Table 59: Electrical Characteristics (Cont.)
Symbol
Parameter
Pins
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com