Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 54 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 54 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 53Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 54Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 55Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 56Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 57Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 58Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 42
PHY Identifier Registers
Document
5228-DS09-405-R
Auto-Negotiation Complete. Bit 5 of the Status register returns a 1 if the auto-negotiation process has been completed and
the contents of registers 4, 5 and 6 are valid.
Remote Fault. The PHY returns a 1 in bit 4 of the Status register when its link partner has signalled a far-end fault condition.
When a far-end fault occurs, the bit is latched at 1 and remains so until the register is read and the remote fault condition
has been cleared. This only applies to the FX mode of operation.
Auto-Negotiation Capability. The BCM5228 is capable of performing IEEE auto-negotiation, and returns a 1 when bit 4 of
the Status register is read, regardless of whether or not the auto-negotiation function has been disabled.
Link Status. The BCM5228 returns a 1 on bit 2 of the Status register when the link state machine is in Link Pass, indicating
that a valid link has been established. Otherwise, it returns 0. When a link failure occurs after the Link Pass state has been
entered, the Link Status bit is latched at 0 and remains so until the bit is read. After the bit is read, it becomes 1 if the Link
Pass state has been entered again.
Jabber Detect. 10BASE-T operation only. The BCM5228 returns a 1 on bit 1 of the Status register if a jabber condition has
been detected. After the bit is read, or if the chip is reset, it reverts to 0.
Extended Capability. The BCM5228 supports extended capability registers, and returns a 1 when bit 0 of the Status register
is read. Several extended registers have been implemented in the BCM5228, and their bit functions are defined later in this
section.
PHY IDENTIFIER REGISTERS
Broadcom Corporation has been issued an Organizationally Unique Identifier (OUI) by the IEEE. It is a 24-bit number,
00-10-18, expressed as hex values (the two most significant bits (OUI[23:22]) of the OUI are not represented). That number,
along with the Broadcom Model Number for the BCM5228 part, 1Ch, and Broadcom Revision number, 00h, is placed into
two MII registers. The translation from OUI, Model Number and Revision Number to PHY Identifier register occurs as follows:
PHYID High[15:0] = OUI[21:6]
PHYID Low[15:0] = OUI[5:0] + Model[5:0] + Rev[3:0]
Figure 21 on page 42 shows the result of concatenating these values to form the MII Identifier registers PHYID HIGH and
PHYID LOW.
Table 21: PHY Identifier Registers (Addresses 02d and 03d, 02h and 03h)
Bit
Name
R/W
Description
Value
15:0
MII Address 00010
RO
PHYID high
0040h
15:0
MII Address 00011
RO
PHYID low
XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com