Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 25 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 25 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 21Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 22Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 23Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 24Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 25Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 26Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 27Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 28Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 29Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Hardware Signal Definition Table
Page 13
H02
22
22
MASTERPHY/
SFRAME
I/OPD
Master PHY Address Mode. Active high.
This forces PHY address 0 to be a global write
address for all PHYs within the BCM5228. An
active high during power-on reset selects the
master PHY address mode, while an active
low or being left unconnected selects the
normal address mode.
Serial LED Frame. After power-on reset, this
pin sources the serial LED frame output signal
if serial LED mode is enabled.
Mode
C16
157
157
RESET#
IPU
Reset. Active Low. Resets the BCM5228. Pin
not included in NAND chain.
N15
109
109
F100
IPU
10/100 Mode Select. When high and ANEN is
low, all transceivers are forced to 100BASE-X
operation. When low and ANEN is low, all
transceivers are forced to 10BASE-T
operation. When ANEN is high, F100 has no
effect on the operation.
M13
108
108
ANEN
IPU
Auto-Negotiation Enable. Active high. When
pulled high, auto-negotiation begins
immediately after reset. When low, auto-
negotiation is disabled after reset. Auto-
negotiation can be enabled under software
control (register 0, bit 12) if auto-negotiation is
enabled through hardware.
C15
156
156
FDXEN
IPD
Full-Duplex Mode Enable. The FDXEN pin is
logically ORed with an MII control bit to
generate an internal full-duplex enable signal.
When FDXEN is high, the BCM5228 can
operate in full-duplex mode as determined by
auto-negotiation. When FDXEN is low, the
internal control bit (register 0, bit 8)
determines the full-duplex operating mode.
Initial value of the internal control bit is zero.
G01
19
19
TXER_EN
I/OPU
TXER Enable. Active high. When pulled high
during power-on reset, TXER[1:8]/LED1[1:8]
pins become TXER[1:8] input. Otherwise they
become LED1[1:8] output.
F05
20
20
MDIX_DIS
I/OPD
HP Auto-MDIX Disable. Active high. When
pulled high during reset, automatic TX cable
swap detection function of the BCM5228 is
disabled. Leave this pin unconnected for
normal operation.
F04
17
17
TESTEN
IPD
Test Enable. Active high test control input
used along with PHYAD[4:0] to select the
NAND-chain test mode. This test mode is
latched when TESTEN is pulsed high, then
low, with PHYAD[4:0]=10111. This pin is not
included in the NAND chain and must be
pulled low or left unconnected during normal
operation.
Table 2: Pin Definitions (Cont.)
BCM5228B BCM5228F BCM5228U Pin Label
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com