Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 11Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 12Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 13Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 14Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 15Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 16Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 17Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 18Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Auto-Negotiation
Page 3
AUTO-NEGOTIATION
The BCM5228 contains the ability to negotiate its mode of operation over the twisted-pair link using the auto-negotiation
mechanism defined in the IEEE 802.3u specification. Auto-negotiation can be enabled or disabled by hardware or software
control. When the auto-negotiation function is enabled, the BCM5228 automatically chooses its mode of operation by
advertising its abilities and comparing them with those received from its link partner. The BCM5228 can be configured to
advertise 100BASE-TX full-duplex and/or half-duplex and 10BASE-T full-duplex and/or half-duplex. Each transceiver
negotiates independently with its link partner and chooses the highest level of operation available for its own link.
DIGITAL ADAPTIVE EQUALIZER
The digital adaptive equalizer removes interzonal interference created by the transmission channel media. The equalizer
accepts sampled unequalized data from the ADC on each channel and produces equalized data. The BCM5228 achieves
an optimum signal to noise ratio by using a combination of feed-forward equalization and decision-feedback equalization.
This powerful technique achieves a 100BASE-TX BER of less than 1 x 10-12 for transmission up to 100 meters on Category 5
twisted-pair cable, even in harsh noise environments. The digital adaptive equalizers in the BCM5228 achieve performance
close to theoretical limits. The all-digital nature of the design makes the performance very tolerant to on-chip noise. The filter
coefficients are self adapting to any quality of cable or cable length. Because of transmit pre-equalization in 10BASE-T mode
and complete lack of ISI in 100BASE-FX mode, the adaptive equalizer is bypassed in this mode of operation.
ADC
Each receive channel has its own 125-MHz analog to digital converter (ADC). The ADC samples the incoming data on the
receive channel and produces a digital output. The output of the ADC is fed to the digital adaptive equalizer. Advanced
analog circuit techniques achieve low offset, high power supply noise rejection, fast settling time, and low bit error rate (BER).
DIGITAL CLOCK RECOVERY/GENERATOR
The all-digital clock recovery and generator block creates all internal transmit and receive clocks. The transmit clocks are
locked to the 50-MHz clock input, while the receive clocks are locked to the incoming data streams. Clock recovery circuits
optimized to MLT3, NRZI, and Manchester encoding schemes are included for use with each of the three different operating
modes. The input data streams are sampled by the recovered clock from each port and fed synchronously to the respective
digital adaptive equalizer.
BASELINE WANDER CORRECTION
A 100BASE-TX data stream is not always DC balanced. Because the receive signal must pass through a transformer, the
DC offset of the differential receive input can wander. This effect, known as baseline wander, can greatly reduce the noise
immunity of the receiver. The BCM5228 automatically compensates for baseline wander by removing the DC offset from the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com