Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 42 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 42 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 38Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 42Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 43Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 44Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 45Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 46Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
BCM5228
Data Sheet
7/12/04
Broa d c om Co rp o r a t i o n
Page 30
Low-Cost Serial LED Mode
Document
5228-DS09-405-R
LOW-COST SERIAL LED MODE
The low-cost serial LED mode is enabled by pulling both LC_SER_EN pin and SER_EN pin high during power-on reset.
When enabled, serial LED data stream, SLED_DO, is shifted out on the falling edge of SLED_CLK. SLED_DO is valid on
the rising edge of this clock. The data is shifted in such a manner that the update of LEDs using a simple shift register that
drive the display LEDs do not cause noticeable flicker in normal operation.
There are six banks, bank 1 through bank 6, associated with six LED outputs. Each bank has its own MII register bits that
select LED a signal to output from that bank. The selected signal from each bank is shifted out on the LED_DO pin in the
following order for a total of 48 LED outputs:
•
Bank 1 for port 1 through port 8
•
Bank 2 for port 1 through port 8,…,
•
Bank 6 for port 1 through 8
The low-cost serial LED mode programmable banks are located in the MII shadow register 1Ah of port 2 and port 3. For
programming details, see Table 7, Table 8, Table 9, Table 10, Table 11, and Table 12. The default LED outputs are Speed,
Link, Full-duplex, Activity, Speed, and Link for bank 1 through bank 6, respectively.
Table 7: Low-Cost Serial Mode Bank 1 LED Selection
MII Shadow Registera 1Ah, PHY 3, Bits [2:0]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED Selection
SERIAL BANK 1 SELECT
BITS[2:0]
0
Speed
1
Activity
2
Full-duplex
3Transmit
4
Receive
5
Interrupt
6
Collision
7Link
Table 8: Low-Cost Serial Mode Bank 2 LED Selection
MII Shadow Registera 1Ah, PHY 3, Bits [5:3]
a. The MII Shadow register is accessed by setting MII register 1Fh bit 7 to 1.
Value
LED Selection
SERIAL LED BANK 2 SELECT
BITS[2:0]
0Link
1
Speed
2
Activity
3
Full-duplex
4Transmit
5
Receive
6
Interrupt
7Collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com