Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 50 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 50 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 46Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 47Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 48Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 49Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 50Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 51Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 52Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 53Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 54Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
1Ah
Interrupt
FDX LED
Enable
INTR Enable
Reserved
FDX Mask SPD Mask
Link Mask
INTR
Mask
Reserved
Global
Interrupt
Status
FDX
Change
SPD
Change
Link
Change
INTR
Status
0F0xh
1Bh
Auxiliary
Mode2
Reserved
10BASE-T
Dribble
Correct
Jumbo
Packet
Enable
Jumbo
Packet
FIFO
Enable
Reserved
Block
10BASE-T
Echo
Mode
Traffic
Meter LED
Mode
Activity
LED
Force On
Serial
LED
Enable
(PHY 2
of 8)
SQE
Disable
Activity/
Link LED
Enable
Qual
Parallel
Detect
Mode
Reserved
008Ah
1Ch
10BASE-T
Auxiliary
Error
and General
Status
Reserved
MDIX
Status
MDIX
Manual
Swap
HP Auto-
MDIX
Disable
Manchstr
Code
Err
(BASE-T)
EOF
Err
(BASE-T)
Reserved
0
0
1
Reserved
Auto-neg
Enable
Indicator
Force 100
Indicator
SP100
Indicator
FDX
Indicator
002xh
1Dh
Auxiliary
Mode
Reserved
Reserved
Activity
LED
Force
Inactive
Link
LED
Force
Inactive
Reserved
Block
TXEN
Mode
Reserved
x000h
1Eh
Auxiliary
Multi-PHY
HCD
TX FDX
HC
T4
HCD
TX
HCD
10BASE-T
FDX
HCD
10BASE-T
Reserved
Restart
Auto-neg
Auto-neg
Complete
Reserved
ACK
Detect
Ability
Detect
Super
Isolate
Reserved
RXER
Code
Mode
0000h
1Fh
Broadcom
Test
Reserved
Shadow
Register
Enable
Reserved
000Bh
Table 18: MII Shadow Register Map Summary (MII Register 1Fh, bit7 = 1)
Addr
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Init
18h
Reserved
Reserved
003Ah
1Ah
Auxiliary
Mode 4
(PHY 1)
Reserved
MII LED
Select
Enable
Parallel LED3
Select[1:0]
Parallel LED2 Select[2:0]
Parallel LED1 Select[2:0]
3000h
1Ah
Auxiliary
Mode 4
(PHY 2)
Reserved
Serial Bank 6 Select[2:0]
Serial Bank 5 Select[2:0]
Serial Bank 4 Select[2:0]
3000h
1Ah
Auxiliary
Mode 4
(PHY 3)
Reserved
Serial Bank 3 Select[2:0]
Serial Bank 2 Select[2:0]
Serial Bank 1 Select[2:0]
3000h
1Bh
Auxiliary
Status 2
MLT3
Detect
Cable Length 100x[2:0]
ADC Peak Amplitude[5:0]
APD
Enable
APD
Sleep
Timer
APD Wake-Up Timer[3:0]
0001h
1Ch
Auxiliary
Status 3
Noise[7:0] (Root Mean Square error)
FLP
Detect
NLP
Detect
Link
Break
Timer
Expire
Link
Fail Timer
Expire
FIFO Consumption[3:0]
0000h
1Dh
Auxiliary
Mode 3
Reserved
FIFO Size Select[3:0]
0004h
1Eh
Auxiliary
Status4
Packet Length Counter[15:0]
0000h
Table 17: MII Register Map Summary (Cont.)
Addr Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Init



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com