Electronic Components Datasheet Search
  English  ▼

X  

5228-DS04-R Datasheet(PDF) 41 Page - Broadcom Corporation.

Part # 5228-DS04-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS04-R Datasheet(HTML) 41 Page - Broadcom Corporation.

Back Button 5228-DS04-R Datasheet HTML 37Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 38Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 39Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 40Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 41Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 42Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 43Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 44Page - Broadcom Corporation. 5228-DS04-R Datasheet HTML 45Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
LED Modes
Page 29
Section 5: LED Mode s
DESCRIPTION
The BCM5228 offers a rich set of LED display outputs through serial and parallel LED modes. There are two serial LED
modes available, Serial LED mode and Low-Cost Serial LED mode. The serial LED mode provides compatibility with few
other Broadcom PHYs. Serial LED modes are selected by hardware only during power-on reset. When any serial LED mode
is enabled global hardware interrupt feature is not available. However, if interrupt and a serial or a Low-Cost Serial LED
mode is desired simultaneously, then a parallel LED can be programmed to provide on interrupt output per port and eight
such interrupt can be ORed to obtain a global interrupt.
SERIAL LED MODE
The Serial LED mode is enabled only by having the SER_EN pin high and the LC_SER_EN pin low during power-on reset.
If Serial LED mode is enabled, then the Low-cost Serial LED mode and hardware global interrupt are disabled. In Serial LED
mode, the BCM5228 sources a serial data stream, the associated clock, and a framing signal as follows:
•
Serial data stream, SLED_DO, which is an active low bit stream containing 48 bits per frame.
•
Serial data clock, SLED_CLK, is used to clock out SLED_DO on the falling edge of this clock. SLED-DO is valid on the
rising edge of this clock. SLED_CLK is approximately 3.125 MHz in forced 100BASE-T and -FX modes, and 2.5 MHz in
all other modes.
•
Framing pulse, SFRAME, which is a logic high pulse occurring once every 48 SLED_DO bit times. SFRAME goes high
coincident with bit 0 of port 1.
When the serial LED mode is enabled by hardware, the LED stream is selected for SLED_DO as shown in Table 6,
depending on the values of bits 14 and 15 of MII register 1Ah. The data stream contains bit 0 to bit 5 for port 1, bit 0 to bit 5
for port 2, … and bit 0 to bit 5 for port 8.
NOTE—A global interrupt indicates an interrupt from any of the eight PHYs as if they were ORed together. A port interrupt
is provided on a per-PHY basis.
Table 6: Serial LED Mode Bit Framing
Reg 1Ah
Serial Bit 5 Serial Bit 4
Serial Bit 3
Serial Bit 2
Serial Bit 1
Serial Bit 0
Bit 15 = 0
Bit 14 = 0
FDX
COL
Speed100
Link
Transmit
Receive
Bit 15 = 0
Bit 14 = 1
FDX
Global Interrupt
Speed100
Link
Port Interrupt
Activity
Bit 15 = 1
Bit 14 = 0
FDX
COL
Speed100
Link
FDX
Activity
Bit 15 = 1
Bit 14 = 1
FDX
Global Interrupt
Speed100
Link
FDX
Activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com