Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 3 Page - Texas Instruments

  PS7A0525PDBVT Datasheet HTML 1Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 2Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 3Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 4Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1
2
B
A
Not to scale
EN
GND
IN
OUT
1
2
A
B
Not to scale
IN
OUT
EN
GND
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
1
OUT
2
GND
5
3
EN
4
IN
Not to scale
3
TPS7A05
www.ti.com
SBVS254 – FEBRUARY 2018
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DQN Package
1-mm × 1-mm X2SON-4
Top View
DBV Package
5-Pin SOT-23
Top View
YKA Package
4-Pin DSBGA, 0.35-mm pitch
Top View
YKA Package
4-Pin DSBGA, 0.35-mm pitch
Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DQN
DBV
YKA
IN
4
1
A1
Input
Input pin. A 0.1-µF or greater effective capacitance is required from IN
to ground and as close as possible to the device to minimize input
impedance. For best transient response, use a 1-µF or larger ceramic
capacitor from IN to ground. Place the input capacitor as close to input
of the device as possible.
EN
3
3
B1
Input
Enable pin. Driving this pin to logic high enables the device; driving this
pin to logic low disables the device. If enable functionality is not
required, this pin must be connected to IN. VEN must not exceed VIN.
GND
2
2
B2
—
Ground pin. This pin must be connected to ground and the thermal pad.
OUT
1
5
A2
Output
Regulated output pin. A 0.1-µF or greater effective capacitance is
required from OUT to ground and as close as possible to the device for
stability. For best transient response, use a 1-µF or larger ceramic
capacitor from OUT to ground. Place the output capacitor as close to
output of the device as possible.
NC
—
4
—
—
No connect pin. This pin is not internally connected. Connect to ground
or leave floating.
Thermal pad
Pad
—
—
—
Connect the thermal pad to a large-area ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com