Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button PS7A0525PDBVT Datasheet HTML 4Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 10Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 11Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
t
=
120·R
L
120+R
L
·C
OUT
8
TPS7A05
SBVS254 – FEBRUARY 2018
www.ti.com
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Excellent Transient Response
The device includes several innovative circuits to ensure excellent transient response. Dynamic biasing
increases the IQ for a short duration during transients to extend the closed-loop bandwidth and improve the
device response time to transients.
Adaptive biasing increases the IQ as the dc load current increases, extending the bandwidth of the loop. The
device response time across the output voltage range is constant because of the use of a buffered reference
topology, which keeps the control loop in unity gain at any output voltage.
These features give the device a wide loop bandwidth during transients that ensure excellent transient response
while maintaining the device low IQ in steady-state conditions; see the Application and Implementation section for
more details.
7.3.2 Active Discharge
The device has an internal pulldown MOSFET that connects a 120-Ω resistor to ground when the device is
disabled to actively discharge the output voltage. The active discharge circuit is activated by an enable,
undervoltage lockout (UVLO), or thermal shutdown.
The discharge time after disabling depends on the output capacitance (COUT) and the load resistance (RL) in
parallel with the 120-Ω pulldown resistor. Equation 1 calculates the time constant:
(1)
Do not rely on the active discharge circuit for discharging a large amount of output capacitance after the input
supply has collapsed because reverse current can possibly flow from the output to the input. This reverse current
flow can cause damage to the device. Limit reverse current to no more than 5% of the device-rated current for a
short period of time.
7.3.3 Low IQ in Dropout
In most LDOs the IQ significantly increases when the device is placed into dropout, which is especially true for
low IQ LDOs with adaptive biasing. The TPS7A05 detects when operating in dropout conditions and disables the
adaptive biasing, minimizing the IQ increase.
7.3.4 Undervoltage Lockout (UVLO)
The undervoltage lockout (UVLO) circuit monitors the input voltage (VIN) to prevent the device from turning on
before VIN rises above the lockout voltage. The UVLO circuit also disables the output of the device when VIN falls
below the lockout voltage. If the device includes the optional active discharge, the output is connected to ground
with a 120-Ω pulldown resistor when VIN is below the lockout voltage; see the Application and Implementation
section for more details.
7.3.5 Enable
The enable pin for the device is active high. The output of the device is turned on when the enable pin voltage is
greater than its rising voltage threshold (0.9 V, maximum), and the output of the device is turned off when the
enable pin voltage is less than its falling voltage threshold (0.35 V, minimum). A voltage less than 0.35 V on the
enable pin disables all internal circuits.
At the next turn-on, this voltage ensures a normal start-up waveform with in-rush control, provided there is
enough time to discharge the output capacitance. If shutdown capability is not required, connect EN to IN. VEN
must not exceed VIN.
7.3.6 Internal Foldback Current Limit
The internal foldback current-limit circuit is used to protect the LDO against high-load current faults or shorting
events. The foldback mechanism lowers the current limit as the output voltage decreases, and limits power
dissipation during short-circuit events while still allowing for the device to operate at its rated output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com