Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 5 Page - Texas Instruments

  PS7A0525PDBVT Datasheet HTML 1Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 2Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 3Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 4Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
TPS7A05
www.ti.com
SBVS254 – FEBRUARY 2018
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
VIN = 1.4 V for VOUT ≤ 0.9 V.
(2)
Load Regulation is normalized to the output voltage at IOUT = 1 mA.
(3)
Dropout is measured by ramping VIN down until VOUT = VOUT (nom) – 5%, with IOUT = 200 mA.
6.5 Electrical Characteristics
at VIN = VOUT(nom) + 0.5 V or 1.4 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and CIN = COUT = 1 µF (unless otherwise
noted); over recommended junction temperature range (TJ = –40°C to +125°C); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.4
5.5
V
VOUT
Nominal output voltage range
0.8
3.3
V
Nominal accuracy
TJ = 25°C
–1
1
%VOUT
Accuracy over temperature
VOUT ≥ 1.0 V, TJ = –40°C to +85°C
–1.5
1.5
%VOUT
VOUT ≥ 1.0 V
–3
3
VOUT < 1.0 V, TJ = –40°C to +85°C
–15
15
mV
VOUT < 1.0 V
–30
30
ΔVOUT/ΔVIN
Line regulation
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
(1),
TJ = –40°C to +85°C
2.2
3
mV/V
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
(1)
4
ΔVOUT/ΔIOUT
Load regulation(2)
1 mA
≤ IOUT ≤ 200 mA,
VIN = VOUT(nom) + VDO(max) + 0.1 V,
TJ = –40°C to +85°C
20
38
mV
1 mA
≤ IOUT ≤ 200 mA,
VIN = VOUT(nom) + VDO(max) + 0.1 V
50
IGND
Ground current
TJ = 25°C, IOUT = 1 µA
0.7
1
1.3
µA
IOUT = 1 µA, TJ = –40°C to +85°C
2
IOUT = 1 µA
4
ISHDN
Shutdown current
VEN = 0.4 V, 1.4 V ≤ VIN ≤ 5.5 V, TJ = 25°C
100
300
nA
ICL
Output current limit
VOUT = 90% × VOUT(nom),
VIN = VOUT(nom) + VDO(max) + 0.1 V
240
450
650
mA
ISC
Short-circuit current limit
VOUT = 0 V
65
mA
VDO
Dropout voltage(3)
0.8 V
≤ VOUT < 1.0 V, TJ = –40°C to +85°C
1046
mV
1.0 V
≤ VOUT < 1.2 V, TJ = –40°C to +85°C
876
1.2 V
≤ VOUT < 1.5 V, TJ = –40°C to +85°C
670
1.5 V
≤ VOUT < 1.8 V, TJ = –40°C to +85°C
446
1.8 V
≤ VOUT < 2.5 V, TJ = –40°C to +85°C
336
2.5 V
≤ VOUT < 3.3 V, TJ = –40°C to +85°C
250
VOUT = 3.3 V, TJ = –40°C to +85°C
204
0.8 V
≤ VOUT < 1.0 V
1114
1.0 V
≤ VOUT < 1.2 V
953
1.2 V
≤ VOUT < 1.5 V
803
1.5 V
≤ VOUT < 1.8 V
535
1.8 V
≤ VOUT < 2.5 V
403
2.5 V
≤ VOUT < 3.3 V
299
VOUT = 3.3 V
245
PSRR
Power-supply rejection ratio
f = 1 kHz, IOUT = 30 mA
40
dB
f = 500 kHz, IOUT = 30 mA
30
f = 1 MHz, IOUT = 30 mA
40
VN
Output voltage noise
BW = 10 Hz to 100 kHz, VOUT = 1.2 V,
IOUT = 30 mA
180
µVRMS
VUVLO
UVLO threshold
VIN rising
1.23
1.3
1.37
V
VUVLO(HYST)
UVLO hysteresis
VIN falling
40
mV
VEN(HI)
EN pin logic high voltage
0.9
V
VEN(LO)
EN pin logic low voltage
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com