Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 4 Page - Texas Instruments

  PS7A0525PDBVT Datasheet HTML 1Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 2Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 3Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 4Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TPS7A05
SBVS254 – FEBRUARY 2018
www.ti.com
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum is VIN + 0.3 V or 3.6 V, whichever is smaller.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
IN
–0.3
6.0
V
EN
–0.3
VIN + 0.3
OUT
–0.3
3.6(2)
Current
OUT
Internally limited
A
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Fixed output options are available within this range in 50-mV increments. Texas Instruments offers samples of any available output
voltage option upon customer request. For production of a specific voltage not normally released, minimum order quantities may apply;
sample availability may also be limited. Contact your TI representative for additional information.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
1.4
VOUT + VDO(max) + 0.1
5.5
V
VEN
Enable supply voltage
0
VIN
V
VOUT
Nominal output voltage range(1)
0.8
3.3
mA
IOUT
Output current
0
200
mA
CIN
Input capacitance
0.1
1
µF
COUT
Output capacitance
0.5
1
22
µF
TJ
Operating junction temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS7A05
UNIT
DBV (SOT-23)
DQN (X2SON)
YKA (DSBGA)
5 PINS
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
185.6
144.1
198.0
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
104.3
137.9
2.1
°C/W
RθJB
Junction-to-board thermal resistance
54.5
83.5
66.9
°C/W
ψJT
Junction-to-top characterization parameter
31.0
5.3
0.9
°C/W
ψJB
Junction-to-board characterization parameter
54.5
83.8
67.0
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
n/a
71.8
n/a
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com