Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 10Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 11Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 12Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 13Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 14Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
tAt
tDt
tEt
tCt
tGt
tHt
F
B
11
TPS7A05
www.ti.com
SBVS254 – FEBRUARY 2018
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Recommended Capacitor Types
The device is designed to be stable using low equivalent series resistance (ESR) ceramic capacitors at the input
and output. Multilayer ceramic capacitors have become the industry standard for these types of applications and
are recommended, but must be used with good judgment. Ceramic capacitors that employ X7R-, X5R-, and
COG-rated dielectric materials provide relatively good capacitive stability across temperature, whereas the use of
Y5V-rated capacitors is discouraged because of large variations in capacitance.
Regardless of the ceramic capacitor type selected, ceramic capacitance varies with operating voltage and
temperature. As a rule of thumb, derate ceramic capacitors by at least 50%. The input and output capacitors
recommended herein account for a effective capacitance derating of approximately 50%.
8.1.2 Input and Output Capacitor Requirements (CIN and COUT)
The device is designed and characterized for operation with ceramic capacitors of 0.22 µF or greater (0.1 µF or
greater of effective capacitance) at the input and output. The maximum recommended output capacitor is 22 µF.
8.1.3 Load Transient Response
The load-step transient response is the output voltage response by the LDO to a step in load current, whereby
output voltage regulation is maintained. There are two key transitions during a load transient response: the
transition from a light to a heavy load and the transition from a heavy to a light load. The regions in Figure 1 are
broken down as described in this section. Regions A, E, and H are where the output voltage is in steady-state.
During transitions from a light load to a heavy load, the:
•
Initial voltage dip is a result of the depletion of the output capacitor charge and parasitic impedance to the
output capacitor (region B)
•
Recovery from the dip results from the LDO increasing its sourcing current, and leads to output voltage
regulation (region C)
During transitions from a heavy load to a light load, the:
•
Initial voltage rise results from the LDO sourcing a large current, and leads to the output capacitor charge to
increase (region F)
•
Recovery from the rise results from the LDO decreasing its sourcing current in combination with the load
discharging the output capacitor (region G)
A larger output capacitance reduces the peaks during a load transient but slows down the response time of the
device. A larger dc load also reduces the peaks because the amplitude of the transition is lowered and a higher
current discharge path is provided for the output capacitor.
Figure 1. Load Transient Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com