Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 10Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 11Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 12Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 13Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 14Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 15Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 16Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
C
tAt
VIN
VOUT
UVLO Rising Threshold
UVLO Hysteresis
tBt
tDt
tEt
tFt
tGt
13
TPS7A05
www.ti.com
SBVS254 – FEBRUARY 2018
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
•
Region E: Brownout event below the UVLO falling threshold. The device is disabled in most cases and the
output falls as a result of the load and active discharge circuit. The device is re-enabled when the UVLO
rising threshold is reached by the input voltage and a normal start-up follows.
•
Region F: Normal operation followed by the input falling to the UVLO falling threshold
•
Region G: The device is disabled as the input voltage falls below the UVLO falling threshold to 0 V. The
output falls as a result of the load and active discharge circuit.
Figure 3. Typical UVLO Operation
8.1.6 Power Dissipation (PD)
Circuit reliability demands that proper consideration be given to device power dissipation, location of the circuit
on the printed circuit board (PCB), and correct sizing of the thermal plane. The PCB area around the regulator
must be as free as possible of other heat-generating devices that cause added thermal stresses.
The maximum allowable power dissipation for the device in a given package can be calculated using Equation 2:
PD-MAX = ((TJ – TA) / RθJA)
(2)
The actual power being dissipated in the device can be represented by. Equation 3:
PD = (VIN - VOUT) × IOUT
(3)
An important note is that power dissipation can be minimized, and thus greater efficiency achieved, by proper
selection of the system voltage rails. Proper selection allows the minimum input-to-output voltage differential to
be obtained. The low dropout of the TPS7A05 allows for maximum efficiency across a wide range of output
voltages.
The main heat conduction path for the device dependends on the ambient temperature and the thermal
resistance across the various interfaces between the die junction and ambient air.
The maximum power dissipation determines the maximum allowable junction temperature (TJ) for the device.
According to Equation 4, maximum power dissipation and junction temperature are most often related by the
junction-to-ambient thermal resistance (RθJA) of the combined PCB and device package and the temperature of
the ambient air (TA). The equation is rearranged in Equation 5 for output current.
TJ = TA + (RθJA × PD)
(4)
IOUT = (TJ – TA) / [RθJA × (VIN – VOUT)]
(5)
Unfortunately, this thermal resistance (RθJA) is highly dependent on the heat-spreading capability built into the
particular PCB design, and therefore varies according to the total copper area, copper weight, and location of the
planes. The RθJA recorded in the Thermal Information table is determined by the JEDEC standard, PCB, and
copper-spreading area, and is only used as a relative measure of package thermal performance. For a well-
designed thermal layout, RθJA is actually the sum of the DQN package junction-to-case (bottom) thermal
resistance (RθJC(bot)) plus the thermal resistance contribution by the PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com