Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button PS7A0525PDBVT Datasheet HTML 2Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 3Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 4Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
TPS7A05
SBVS254 – FEBRUARY 2018
www.ti.com
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at VIN = VOUT(nom) + 0.5 V or 1.4 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and CIN = COUT = 1 µF (unless otherwise
noted); over recommended junction temperature range (TJ = –40°C to +125°C); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEN
EN pin current
VEN = VIN = 5.5 V
10
nA
RPULL-DOWN
Pulldown resistor
VIN = 3.3 V
120
Ω
Tsd
Thermal shutdown
temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140
6.6 Switching Characteristics
at VIN = VOUT + VDO(max) + 0.5 V, IOUT = 30 mA, and CIN = COUT = 1 µF (unless otherwise noted); all typical values are at TJ =
25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTR
Start-up time
From EN assertion to VOUT = 95% × VOUT(nom) ,
VOUT = 1.8 V
1.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com