Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 10Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 11Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 12Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
TPS7A05
www.ti.com
SBVS254 – FEBRUARY 2018
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
A foldback example for this device is that when VOUT is 90% of VOUT(nom) the current limit is 450 mA (typical);
however, if VOUT is forced to 0 V the current limit is 50 mA (typical).
In many LDOs the foldback current limit can prevent start-up into a constant-current load or a negatively-biased
output. The foldback mechanism for this device goes into a brick-wall current limit when VOUT > 500 mV (typ),
thus limiting current to 450 mA, and when VOUT is approximately 0 V, current is limited to 65 mA to ensure
normal start-up into a variety of loads.
The foldback current limit is disengaged when IOUT < 1 mA (typical) to reduce IQ. As such, the current-limit loop
takes longer to respond to a current-limit event when IOUT < 1 mA (typ).
Thermal shutdown can activate during a current-limit event because of the high power dissipation typically found
in these conditions. To ensure proper operation of the current limit, minimize the inductances to the input and
load. Continuous operation in current limit is not recommended.
7.3.7 Thermal Shutdown
The device contains a thermal shutdown protection circuit to disable the device when thermal junction
temperature (TJ) of the main pass-FET rises to 160°C (typical). Thermal shutdown hysteresis assures that the
LDO resets again (turns on) when the temperature falls to 140°C (typical).
The thermal time-constant of the semiconductor die is fairly short, and thus the device may cycle on and off
when thermal shutdown is reached until power dissipation is reduced.
For reliable operation, limit the junction temperature to a maximum of 125°C. Operation above 125°C causes the
device to exceed its operational specifications. Although the internal protection circuitry of the device is designed
to protect against thermal overload conditions, this circuitry is not intended to replace proper heat sinking.
Continuously running the device into thermal shutdown or above a junction temperature of 125°C reduces long-
term reliability.
A fast start-up when TJ > 140°C (typical, outside of the specified operating range) causes the device thermal
shutdown to assert at TSD(rising) and prevents the device from turning on until the junction temperature is reduced
below TSD(falling).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com