Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 1 Page - Texas Instruments

  PS7A0525PDBVT Datasheet HTML 1Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 2Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 3Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 4Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 5Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 6Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 7Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS7A05
IN
EN
OUT
GND
COUT
CIN
ON
OFF
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS7A05
SBVS254 – FEBRUARY 2018
TPS7A05 1-µA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator
in a 1-mm × 1-mm Package
1
1 Features
1
•
Ultralow IQ: 1 µA (typ), 2 µA (max)
•
Excellent Transient Response
•
Packages:
–
1.0-mm × 1.0-mm X2SON (4)
–
0.70-mm × 0.70-mm DSBGA (4)
–
SOT-23 (5)
•
Input Voltage Range: 1.4 V to 5.5 V
•
Output Accuracy: 1% Typical, 1.5% Maximum
•
Available in Fixed-Output Voltage:
–
0.8 V to 3.3 V
•
Very Low Dropout:
–
204 mV (max) at 200 mA (3.3 VOUT)
•
Active Output Discharge
•
Foldback Current Limit
•
Stable With a 0.1-µF or Larger Capacitor
2 Applications
•
Wearable Electronics
•
Ultrabooks, Tablets, eReaders
•
Always-On Power Supplies
•
Set-Top Boxes
•
Gaming Controllers, Remote Controls, Toys,
Drones
•
Wireless Handsets and Smart Phones
•
Portable and Battery-Powered Equipment
3 Description
The TPS7A05 device is an ultra-small, low quiescent
current low-dropout regulator (LDO) that can source
200 mA with excellent transient performance. This
device has an output range of 0.8 V to 3.3 V with a
typical 1% accuracy.
The TPS7A05, with ultralow IQ (1 µA), is designed
specifically for battery-powered applications where
very-low quiescent current is a critical parameter for
extending battery life. The device can be operated
from rechargeable Li-Ion batteries, Li-primary battery
chemistries such as Li-SOCl2, Li-MnO2, as well as
two- or three-cell alkaline batteries.
The TPS7A05 is available with an active pulldown
circuit
to
quickly
discharge
output
loads
when
disabled.
The TPS7A05 is fully specified for TJ = –40°C to
+125°C operation, and is available in standard
X2SON (DQN), SOT-23 (DBV), and DSBGA (YKA)
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS7A05
X2SON (4)
1.00 mm × 1.00 mm
DSBGA (4)
0.70 mm × 0.70 mm
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application Circuit


Similar Part No. - PS7A0525PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS7A0525PDBVT TI1-PS7A0525PDBVT Datasheet
3Mb / 40P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
More results

Similar Description - PS7A0525PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A05 TI1-TPS7A05_18 Datasheet
3Mb / 40P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a 1-mm x 1-mm Package
TPS7A05_1808 TI1-TPS7A05_1808 Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1810 TI1-TPS7A05_1810 Datasheet
4Mb / 50P
1-uA Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05_1905 TI1-TPS7A05_1905 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V01 Datasheet
4Mb / 52P
1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V02 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V03 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V04 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
TPS7A05 TI1-TPS7A05_V05 Datasheet
4Mb / 55P
TPS7A05 1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com