Electronic Components Datasheet Search
  English  ▼

X  

PS7A0525PDBVT Datasheet(PDF) 12 Page - Texas Instruments

Part # PS7A0525PDBVT
Description  1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PS7A0525PDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button PS7A0525PDBVT Datasheet HTML 8Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 9Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 10Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 11Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 12Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 13Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 14Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 15Page - Texas Instruments PS7A0525PDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Output Voltage (V)
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.3
100
200
300
400
500
600
700
800
900
1000
1100
12
TPS7A05
SBVS254 – FEBRUARY 2018
www.ti.com
Product Folder Links: TPS7A05
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
8.1.4 Dropout Voltage
Generally speaking, the dropout voltage often refers to the minimum voltage difference between the input and
output voltage (VDO = VIN – VOUT) that is required for regulation. When VIN drops below the required VDO for the
given load current, the device functions as a resistive switch and does not regulate output voltage. Dropout
voltage is linearly proportional to the output current because the device is operating as a resistive switch.
Dropout voltage is affected by the drive strength for the gate of the pass element, and has an exponential
relationship with VIN; see Figure 2. As with any linear regulator, PSRR and the transient response degrade as
(VIN – VOUT) approaches dropout operation.
Figure 2. Maximum Dropout Voltage vs Output Voltage
8.1.4.1 Behavior When Transitioning From Dropout Into Regulation
Some applications may have transients that place the device into dropout, especially as this device can be
powered from a battery with high ESR. A typical application with these conditions is using a stack of two 1.55-V
coin-cell batteries with an ESR of 30 Ω to create a 2.5-V rail and experiencing a load transient from 1 µA to 25
mA. This load transient causes the input supply to drop 750 mV, placing the device into dropout.
The load transient saturates the output stage of the error amplifier when the pass element is driven fully on,
making the pass element function like a resistor from VIN to VOUT. The error amplifier response time to this load
transient is limited because the error amplifier must first recover from saturation and then place the pass element
back into active mode. During this time VOUT overshoots because the pass element is functioning as a resistor
from VIN to VOUT. This device uses a loop pulldown circuit to help mitigate the overshoot.
If operating under these conditions, applying a higher dc load or increasing the output capacitance reduces the
overshoot because these solutions provide a path to dissipate the excess charge.
8.1.5 Undervoltage Lockout (UVLO) Operation
The UVLO circuit ensures that the device stays disabled before its input supply reaches the minimum operational
voltage range, and ensures that the device shuts down when the input supply collapses. Figure 3 depicts the
UVLO circuit response to various input voltage events. The diagram can be separated into the following parts:
•
Region A: The device does not start until the input reaches the UVLO rising threshold
•
Region B: Normal operation, regulating device
•
Region C: Brownout event above the UVLO falling threshold (UVLO rising threshold – UVLO hystersis). The
output may fall out of regulation but the device is still enabled.
•
Region D: Normal operation, regulating device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com