Electronic Components Datasheet Search
  English  ▼

X  

MPC9894 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MPC9894
Description  Quad Input Redundant IDCS Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPC9894 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MPC9894 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Advanced Clock Drivers Devices
2
Freescale Semiconductor
MPC9894
DEVICE DESCRIPTION
Figure 1. MPC9894 Block Diagram
Table 1. Pin Configurations
Pin
I/O
Type
Function
Supply
Active State
Clock Inputs and Outputs
CLK0, CLK0
CLK1, CLK1
CLK2, CLK2
CLK3, CLK3
Input
LVPECL
PLL reference clock inputs (differential)
(internal pulldown)
VDDIC
—
FB_IN, FB_IN
Input
LVPECL
PLL feedback signal input (differential). When configured for external
feedback, the QFB output should be connected to FB_IN. (internal
pulldown)
VDDIC
—
QA[1:0], QA[1:0]
Output
LVPECL
Bank A differential outputs
VDDAB
—
QB[1:0], QB[1:0]
Output
LVPECL
Bank B differential outputs
VDDAB
—
QC[1:0], QC[1:0]
Output
LVPECL
Bank C differential outputs
VDDCD
—
QD[1:0], QD[1:0]
Output
LVPECL
Bank D differential outputs
VDDCD
—
QFB, QFB
Output
LVPECL
Differential PLL feedback output. QFB must be connected to FB_IN for
correct operation
VDDCD
—
÷M/P
÷P
÷P
÷2, ÷4, ÷8, ÷16
÷2, ÷4, ÷8, ÷16
÷2, ÷4, ÷8, ÷16
÷2, ÷4, ÷8, ÷16
IDCS
PLL
340 – 680 MHz
FB
Comp
fcomp
1
0
I2C Interface
Control Logic
CLK0
CLK0
FB_IN
CLK1
CLK1
CLK2
CLK2
CLK3
CLK3
FB_IN
EX_FB_SEL
CLK_VALID[3:0]
CLK_ALARM_RST
PLL_BYPASS
SCL
SDA
ADDR[0:2]
MBOOT
MEDIA
PRESET
MR
JTAG[4:0]
PLL_TST[2:0]
TPA
MSTROUT_EN
QA0
QA0
QA1
QA1
QB0
QB0
QB1
QB1
QC0
QC0
QC1
QC1
QD0
QD0
QD1
QD1
QFB
QFB
SEL_STAT[1:0]
00
01
10
11
INT
BUSY
LOCK
CLK_STAT[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com