Electronic Components Datasheet Search
  English  ▼

X  

MPC9894 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MPC9894
Description  Quad Input Redundant IDCS Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPC9894 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MPC9894 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Advanced Clock Drivers Devices
12
Freescale Semiconductor
MPC9894
Output Configuration Register
The output configuration register is divided into four,
2 bit-groups with each group selecting the divide ratio for
output banks A through bank D, refer to Table 12. For each
bank, four output divider settings (
÷2, ÷4, ÷8, ÷16) are
available, refer to Table 12.
Mode Configuration Register
The mode configuration register, refer to Table 14, is a
read/write register and contains the fields for mode selection
as well as alarm reset.
The mode of the MPC9894 may be changed by writing the
three least significant Mode Configuration Register bits to the
desired value. The current idcs mode of the MPC9894 may
be obtained by reading this register.
The alarm reset bits, found in bit positions 6 thru 3, may be
used to individually reset the status flags of register 5. Each
of these flag bits are associated with the four clock inputs pins
and indicate a failed clock input. Clearing of a clock status
flag is performed by writing a logic 1 to the individual bit (or
bits if more than one flag is to be cleared). Care should be
taken to insure that the idcs mode information is written to the
proper value when resetting the clock status bits. The four
alarm reset bits always read as a logic 0. If a clock input
status flag is cleared and the clock input is still in a failed
state, the status flag will go set within 4 clock cycles after
being cleared.
Table 12. Output Configuration Register (Register 1 — Read/Write)
Bit
76543210
Description
FSEL_A[1:0]
FSEL_B[1:0]
FSEL_C[1:0]
FSEL_D[1:0]
Reset default
00000000
Preset default
00001010
Table 13. PLL Output Divider N (FSEL_A to FSEL_D)
FSEL_x[1:0]
Value
00
÷2
01
÷4
10
÷8
11
÷16
Table 14. Mode Configuration and Alarm Reset Register (Register 2 — Read/Write)
Bit
7
6
5
4
3
2
1
0
Description
not used
ALARM_RST[3:0] (Refer to Table 15)
IDCS_MODE[2:0] (Refer to Table 16)
Reset default
n/a
n/a
n/a
n/a
n/a
0
1
1
Preset default
n/a
n/a
n/a
n/a
n/a
1
0
0
Table 15. Individual Reset of CLK_STAT[x] Bits
ALARM_RST[x]
Description
0
No action
1
The status flag CLK_STAT[x] is cleared by setting of this bit. (bit always reads as zero)
Table 16. MPC9894 IDCS Configuration(1)
1. This is a repeat of Table 8.
IDCS_MODE [2:0]
Description
Primary clock
Secondary clock(2)
2. For CLK_VALID[3:0] = 1111 and input clock validity.
Tertiary clock(2)
Quaternary clock(2)
000
Manual
CLK0
n/a
n/a
n/a
001
CLK1
n/a
n/a
n/a
010
CLK2
n/a
n/a
n/a
011
CLK3
n/a
n/a
n/a
100
Automatic
CLK0
CLK1
CLK2
CLK3
101
CLK1
CLK2
CLK3
CLK0
110
CLK2
CLK3
CLK0
CLK1
111
CLK3
CLK0
CLK1
CLK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com