Electronic Components Datasheet Search
  English  ▼

X  

MPC9894 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MPC9894
Description  Quad Input Redundant IDCS Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPC9894 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MPC9894 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 16Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
13
MPC9894
Device Configuration and Output Enable Register
The Device Configuration and Output Enable Register is
used to individually enable or disable each bank of outputs.
Output banks are enabled by setting the corresponding bit to
a logic 1 and disabled by setting the bit to a logic 0 as
described in Table 21. Output Clock Stop/Enable. The
disable logic sets the outputs of the addressed bank
synchronously to logic low state (Qx[] = 0 and Qx[] = 1). The
clock output enable/stop bits can be set asynchronous to any
clock signal without the risk of generating of runt pulses. The
PLL feedback output QFB cannot be disabled when
MPC9894 is configured for external feedback.
The Device Configuration Register, bit 6, QUAL_EN is
used to enable or disable all clock input qualifier pins.
Asserting this bit enables the Clock Qualifier Input Pins
CLK_VALID[3:0]. Deasserting this bit disables these pins
such that inputs on CLK_VALID[3:0] are ignored.
The INT_E bit, in bit position 7, is used to enable or disable
interrupts from occurring on the INT pin. The setting of the
interrupt flag (bit 7 of the Status Register) is unaffected by this
bit.
Table 17. Device Configuration and Output Clock Enable Register (Register 3 — Read/Write)
Bit
7
6
5
43
21
0
Description
INT_E
QUAL_EN
Slew_Control
Enable_QFB
ENABLE_QA
ENABLE_QB
ENABLE_QC
ENABLE_QD
Reset default
0
0
00
00
00
Preset default
1
1
00
11
11
Table 18. Interrupt Signal (INT) Enable INT_E
INT_E
Description
0
Interrupt signal INT is disabled
1
Interrupt signal INT is enabled
Table 19. Input Clock Qualifier Enable QUAL_EN
QUAL_EN
Description
0
CLK_VALID[3:0] are disabled (clock qualifier signals are disabled)
1
CLK_VALID[3:0] are enabled (clocks can be qualified)
Table 20. Slew Control
Slew_Control
Description
0
Clock slew direction on clock switch is toward the closest edge
1
Clock slew direction on clock switch is toward the lagging edge
Table 21. Output Clock Stop/Enable
ENABLE_Qx
Description
0
Output bank x is disabled (clock stop in logic low state)
1
Output bank x is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com