Electronic Components Datasheet Search
  English  ▼

X  

MPC9894 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MPC9894
Description  Quad Input Redundant IDCS Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPC9894 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MPC9894 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Advanced Clock Drivers Devices
Freescale Semiconductor
9
MPC9894
CLOCK OUTPUT TRANSITION
An MPC9894 clock switch, either in IDCS manual or IDCS
automatic mode, follows the next positive edge of the newly
selected reference clock signal. The positive edge of the
feedback clock and the newly selected reference clock edge
will start to slew to alignment by adjusting the feedback edge
placement a small amount of time in each clock cycle.
Figure 2. Clock Switch shows a failed primary input clock with
the MPC9894 switching to and aligning to the secondary
clock. This small amount of additional time in each clock
cycle will ensure that the output clock does not have any
large phase changes or frequency changes in a short period
of time. The alignment will be to either 1) the closest edge,
either forward or backward or 2) toward the lagging clock
edge. The maximum rate of period change is specified in the
AC parameter tables with the parameter of ∆PER/CYC. This
parameter implies that the output clock edge will never
change more than the specified amount in any one cycle.
The busy signal is used to indicate that the MPC9894 is in
the process of slewing to the new input clock alignment. The
signal is accessed thru the BUSY pin and goes set upon a
clock switch. The pin is reset once the phase realignment is
completed. During the period that BUSY is active, the
configuration register of the MPC9894 should not be written
with new configuration data.
For example, if the current input clock of 62.5 MHz and the
secondary clock are 180 degrees out of phase then the
minimum clock transition time can be calculated by
tcycle =1 ÷ fcycle =1 ÷ 62.5 MHz = 16 ns
Therefore 180 degree clock difference is
tcycle ÷ 2 = 8 ns
Assuming a ∆PER/CYC of 40 ps, then
8ns
÷ 40 ps/cycle = 200 cycles.
This is the minimum number of cycles that will be required
for the alignment to the new clock. The alignment to the new
clock phase may occur slower than this but never faster.
The alignment on clock failure is selectable between either
1) the closest edge, either forward or backward or 2) toward
the lagging clock edge. The selection of the alignment
method is selected in the Slew_Control bit (bit 5) of the
Device Configuration and Output Enable Register. This
selection allows the user to select the alignment method that
best suits the application. The characteristics and
subsequent advantages and disadvantages of each method
are described as follows.
1.
Slew to closest edge
a.
The alignment is either forward toward the lagging
edge or backward toward the leading edge.
b.
The alignment to the closest edge ensures
re-alignment to the new clock input in the minimum
time.
c.
In applications where the input clocks are closely
aligned, there is no ambiguity on the direction of
clock slew.
d.
The clock output frequency will either increase or
decrease based on direction of clock slew.
2.
Slew to lagging edge
a.
The output frequency always decreases. Thus the
clock frequency never violates a maximum
frequency specification in the user system.
b.
When input clocks are closely aligned (within SPO
+ jitter) the MPC9894 may align to the closest edge
or to the lagging edge. In the case of multiple
MPC9894s with equivalent clock inputs one
MPC9894 may align in one direction while an other
MPC9894 may align to the opposite direction.
If default values for the Slew_Control is not the
configuration desired then the reconfiguration of the slew
method should be perform soon after power-up and the
configuration should remain fixed from that point.
BUSY
Output Clock
Secondary Clock
Primary Clock
BUSY
Figure 2. Clock Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com