Electronic Components Datasheet Search
  English  ▼

X  

MPC9894 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MPC9894
Description  Quad Input Redundant IDCS Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPC9894 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MPC9894 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MPC9894
Rev 3, 1/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Quad Input Redundant IDCS Clock
Generator
The MPC9894 is a differential input and output, PLL-based Intelligent
Dynamic Clock Switch (IDCS) and clock generator specifically designed for
redundant clock distribution systems. The device receives up to four LVPECL
clock signals and generates eight phase-aligned output clocks. The MPC9894 is
able to detect failing clock signals and to dynamically switch to a redundant clock
signal. The switch from the failing clock to the redundant clock occurs without
interruption of the output clock signal (output clock slews to alignment). The
phase bump typically caused by a clock failure is eliminated. The device offers
eight low-skew clock outputs organized into four output banks, each configurable
to support the different clock frequencies. The extended temperature range of
the MPC9894 supports telecommunication and networking requirements.
Features
•
8 differential LVPECL output pairs
•
Quad-redundancy reference clock inputs
•
IDCS-on-chip intelligent dynamic clock switch
•
Smooth output phase transition during clock failover switch/*
•
Automatically detects clock failures
•
Clock activity monitor
•
Clock qualifier inputs
•
Manual clock select and automatic switch modes
•
21.25 – 340 MHz output frequency range
•
Specified frequency and phase slew rate on clock switch
•
LVCMOS compatible control inputs and outputs
•
External feedback enables zero-delay configurations
•
Output enable/disable and static test mode (PLL bypass)
•
Low-skew characteristics: maximum 50 ps(1) output-to-output
•I2C interface for device configuration
•
Low cycle-to-cycle and period jitter
•
IEEE 1149.1 JTAG Interface
•
100-ball MAPBGA package
•
Supports 2.5 V or 3.3 V supplies with 2.5 V and 3.3 V I/O
•
Junction temperature range –40
°C to +110°C
Functional Description
The MPC9894 is a quad differential redundant input clock generator. The device contains logic for clock failure detection and
auto switching for clock redundant applications. The generator uses a fully integrated PLL to generate clock signals from any one
of four redundant clock sources. The PLL multiplies the frequency of the input reference clock by one, two, four, eight or divides
the reference clock by two or four. The frequency-multiplied clock signal drives four banks of two differential outputs. Each bank
allows an individual frequency-divider configuration. All outputs are phase-aligned(1) to each other. Due to the external PLL
feedback, the clock signals of all outputs are also phase-aligned(1) to the selected input reference clock, providing virtually
zero-delay capability.
The integrated IDCS continuously monitors all four clock inputs and indicates a clock failure for each clock input. When a false
clock signal is detected on the active clock, the MPC9894 switches to a redundant clock input, forcing the PLL to slowly slew to
alignment and not produce any phase bumps at the outputs. The MPC9894 also provides a manual mode that allows for
user-controlled clock switches.
The device is packaged in a 11x11 mm2 100-ball MAPBGA package.
1.
At coincident rising edges.
MPC9894
QUAD INPUT REDUNDANT
IDCS CLOCK GENERATOR
VF SUFFIX
100-LEAD MAPBGA PACKAGE
CASE 1462-01


Similar Part No. - MPC9894

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
logo
Renesas Technology Corp
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results

Similar Description - MPC9894

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V927 IDT-IDT5V927 Datasheet
48Kb / 6P
Quad Output Clock Generator
logo
Analog Devices
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
logo
ON Semiconductor
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
logo
Integrated Device Techn...
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
logo
ON Semiconductor
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
logo
Analog Devices
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
Quad/Octal Input Network Clock Generator/Synchronizer
12/14-Rev. F to Rev. G
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com