Electronic Components Datasheet Search
  English  ▼

X  

MPC9894 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MPC9894
Description  Quad Input Redundant IDCS Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPC9894 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MPC9894 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC9894 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Advanced Clock Drivers Devices
8
Freescale Semiconductor
MPC9894
IDCS Manual Mode
The manual request IDCS mode is selected by
IDCS_MODE[2:0] = 0xx. The PLL functions normally and all
four inputs clocks are monitored. The reference clock will
always be the clock signal selected by IDCS_MODE[1:0] and
will be indicated by SEL_STAT[1:0]. A manual-requested
clock switch (by changing the IDCS_MODE[0xx] signal) will
only be executed if the new clock is valid. The SEL_STAT[1:0]
pins/bits should be checked after the manual request to
ensure the clock switch occurred.
Interrupt Operation
The MPC9894 pin, INT, may be used to interrupt a
microprocessor or microcontroller. This open drain output pin
goes active or low on any of the following occurrences
1.
A clock failure as indicated by any of bits 6 thru 3 being
set in the status register
2.
A out-of-lock condition for the PLL as indicated by either
the LOCK pin or bit 2 of the status register.
The interrupted processor would then use the I2C interface
to read the status register (bit 7) to determine if this MPC9894
generated the interrupt. If the interrupt was caused by this
MC9894, the status register would then be analyzed to
determine the reason for the interrupt and then the
appropriate action taken.
In order for interrupts to occur, the INT_E bit must be set in
the Device Configuration and Output Clock Enable Register.
Once the interrupt flag has been set, reading of the Status
Register clears the INT flag.
Clock Operation on Power-Up
On or after power-up, the MPC9894 must be reset via the
MR
pin. The MPC9894 may be powered-up in either of three
configurations. These configurations are selected by the
PRESET pin and MBOOT pin.
If PRESET is low, on release of the MR pin, the MPC9894
powers up in a benign mode with all clock outputs disabled.
The device is ready to be and must be programmed via the
I2C interface prior to operation.
If the PRESET pin is high on the release of the MR pin, the
MPC9894 powers up in a run state. In this case the IDCS is
configured for automatic mode, CLK0 to be the primary clock,
a divide by 2 on clock bank A and B outputs, a divide by 8 on
clock C and D outputs, all clock output banks enabled and
interrupts enabled. If using the preset mode, then at least one
of the clock inputs must have the correct input frequency prior
to MR going high.
Later in this document, tables defining the I2C interface
registers describe both configurations. The default (reset)
information is for the normal reset operation, while the default
(preset) information describes the values for each
configuration bit on activation of the PRESET pin. In order to
return the MPC9894 to either the preset or reset configuration
the MR pin must be activated.
Refer to the Boot Mode for a description of the MBOOT
pin.
PLL Feedback
The MPC9894 may be operated with either an internal or
an external PLL feedback path. The selection of internal vs.
external feedback is made with the pin, EX_FB_SEL. If
external feedback is desired, the EX_FB_SEL pin should be
connected to VDD and a connection from QFB/QFB to FB_IN/
FB_IN
must be made. External feedback provides a known
relationship between the clock input and the feedback input
for phase synchronization of output clock signals to the clock
input. If this phase synchronization is not required, the
MPC9894 may be configured for internal feedback by the
connection of EX_FB_SEL to ground. In this configuration,
the connection from the feedback output to the feedback
input is not required. The feedback output may be used as a
separate output to produce a reference clock output.
PLL Out-of-Lock Conditions
The LOCK pin and associated status bit indicates the lock
state of the PLL. After power-up and prior to writing
configuration data to the control registers, an out-of-lock
condition will be indicated by LOCK = 1. If a valid clock is
available and proper configuration data is written to the
control registers, LOCK will then indicate the PLL is in a
locked condition with LOCK =0.
The combination of LOCK = 1 and BUSY = 0 is used to
indicate a catastrophic failure of the PLL. This condition will
occur on the following:
1.
All input clocks have failed or no clock is present.
2.
External feedback has been selected with the
EX_FB_SEL pin and an external feedback signal is not
present on the FB_IN/FB_IN inputs. It should be noted
that if this condition occurs during the initial PLL lock
acquisition the PLL will produce a clock that is locked to
the internal feedback path. However, the catastrophic
failure status of LOCK = 1 and BUSY = 0 will occur.
Recovery from the catastrophic failure condition requires
repairing the cause of the failure, followed by a master reset
to be issued to the MPC9894.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com