Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 11Page - Monolithic Power Systems MP8865 Datasheet HTML 12Page - Monolithic Power Systems MP8865 Datasheet HTML 13Page - Monolithic Power Systems MP8865 Datasheet HTML 14Page - Monolithic Power Systems MP8865 Datasheet HTML 15Page - Monolithic Power Systems MP8865 Datasheet HTML 16Page - Monolithic Power Systems MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems MP8865 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
15
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Enable/SYNC Control
EN/SYNC is a digital control pin that turns the
regulator, including the I2C block, on and off.
Drive EN high to turn on the regulator; drive EN
low to turn off the regulator
. An internal 1MΩ
resistor from EN to GND allows EN/SYNC to be
floated to shut down the chip.
EN is clamped internally using a 6.5V series-
Zener-diode
(see
Fig.
Error!
Reference
source not found.5). Connecting the EN input
through a pull-up resistor to the voltage on VIN
limits the EN input current to less than 100µA.
Connecting EN directly to a voltage source
without a pull-up resistor requires limiting the
amplitude of the voltage source to <6V to
prevent damage to the Zener diode.
Figure 5. 6.5V Zener Diode Connection
The chip can be synchronized to an external
clock range from 300kHz up to 2MHz through
EN (as soon as an external clock is added); the
internal clock rising edge is synchronized to the
external clock rising edge. Select an external
clock signal with a pulse width less than 80% of
one internal clock cycle time.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8865 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 4V while its
falling threshold is 3.4V.
Soft-Start (SS)
The
MP8865
employs
a
soft-start
(SS)
mechanism to ensure a smooth output during
power-up. When EN becomes high, an internal
current source (12
μA) charges up the SS
capacitor. The SS capacitor voltage takes over
the VREF voltage to the PWM comparator. The
output voltage smoothly ramps up with the SS
voltage. Once the SS voltage reaches the same
level as the VREF voltage, it keeps ramping up
while VREF takes over the PWM comparator. At
this point, the soft-start is complete and the
device enters steady-state operation.
The SS capacitor value can be determined as
follows:
 
 
 
 

SS
SS
SS
REF
T
ms
I
A
C
nF
VV
If
the
output
capacitors
have
a
large
capacitance value, it is NOT recommended to
set the SS time too small. Otherwise, it will be
easy to hit the current limit during SS.
Pre-Bias Start-Up
The
MP8865
has
been
designed
for
a
monotonic start-up into a pre-biased output
voltage. If the output is pre-biased to a certain
voltage during start-up, the voltage on the soft-
start capacitor will be charged. When the soft-
s
tart capacitor’s voltage exceeds the sensed
output voltage at FB(8), the part turns on the
high-side
and
low-side
power
switches
sequentially. Output voltage starts to ramp up
following the soft-start slew rate.
Note:
8) FB voltage in the FB control loop or VOUT voltage in the I2C
control loop.
Power Good (PG) Indicator
The MP8865 has a power good (PG) output
used to indicate whether the output voltage of
the module is ready. PG is an open-drain
output. Connect PG to VCC (or another voltage
source) through a pull-
up resistor (e.g. 100kΩ).
When the input voltage is applied, PG is pulled
down to GND before the internal SS is ready
(VSS>1.15xVREF). After SS is ready (when VFB(8)
is above 90% of VREF), PG is pulled high (after a
80us delay). During normal operation, PG is
pulled low when the VFB(8) drops below 70% of
VREF (after a 80us delay).
When UVLO or OTP occurs, PG is pulled low
immediately; when OC (over current) occurs,
PG is pulled low when VFB(8) drops below 70%
of VREF (after a 80us delay).
PG will NOT respond to an output over-voltage
condition.
The PG bit in the I2C register has the same
indication as the external PG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com