Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 10Page - Monolithic Power Systems MP8865 Datasheet HTML 11Page - Monolithic Power Systems MP8865 Datasheet HTML 12Page - Monolithic Power Systems MP8865 Datasheet HTML 13Page - Monolithic Power Systems MP8865 Datasheet HTML 14Page - Monolithic Power Systems MP8865 Datasheet HTML 15Page - Monolithic Power Systems MP8865 Datasheet HTML 16Page - Monolithic Power Systems MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
14
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP8865 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact solution that achieves a 6A continuous
output current with excellent load and line
regulation over a wide input-supply range.
The
MP8865
has
three
working
modes:
advanced asynchronous modulation (AAM),
discontinuous conduction mode (DCM), and
continuous conduction mode (CCM). When the
MODE bit in the I2C register is set to 1, the
MP8865 works in CCM constantly.
AAM Control Operation
In a light-load condition, MP8865 works in AAM
mode (see Fig. 3). The VAAM is an internally
fixed voltage when input and output voltages
are fixed. VCOMP is the error amplifier output,
which represents the peak inductor current
information. When VCOMP is lower than VAAM, the
internal clock is blocked. This causes the
MP8865 to skip pulses, achieving the light-load
power save. For additional details, refer to
AN032.
The internal clock re-sets every time VCOMP is
higher than VAAM. At the same time, the high-
side MOSFET (HS-FET) turns on and remains
on until VILsense reaches the value set by VCOMP.
The light-load feature in this device is optimized
for 12V input applications.
56
4
Rt
R1
R2
R9
Figure 3. Simplified AAM Control Logic
DCM Control Operation
The VCOMP voltage ramps up as the output
current increases. When its minimum value
exceeds VAAM, the device enters DCM. In this
mode, the internal clock initiates the PWM
cycle, the HS-FET turns on and remains on
until VILsense reaches the value set by VCOMP
(after a period of dead time), and the low-side
MOSFET(LS-FET) turns on and remains on
until the inductor-current value decreases to
zero. The device repeats the same operation in
every clock cycle to regulate the output voltage
(see Fig. 4).
VOUT
HS-FET is On
Zero Current Detect
IL
VSW
IOUT
A Clock Cycle
LS-FET is On
HS/LS-FETs are Off
Figure 4. DCM Control Operation
CCM Control Operation
The device enters CCM from DCM once the
inductor current no longer drops to zero in a
clock cycle. In CCM, the internal clock initiates
the PWM cycle, the HS-FET turns on and
remains on until VILsense reaches the value set
by VCOMP (after a period of dead time), and the
LS-FET turns on and remains on until the next
clock cycle starts. The device repeats the same
operation in every clock cycle to regulate the
output voltage.
If VILsense does not reach the value set by VCOMP
within 95% (600kHz switching frequency) of
one PWM period, the HS-FET is forced off.
Internal Regulator
A 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the
regulator is in full regulation. When VIN is lower
than 5.0V, the output voltage decreases. A
0.22
μF ceramic capacitor is required for
decoupling.
Error Amplifier (EA)
The error amplifier compares the FB voltage
against the internal reference (REF) in the FB
control loop and outputs the COMP voltage
(which controls the power MOSFET current). In
a I2C control loop, FB opens and VOUT is
connected to the EA non-inverter input. The
optimized
internal
compensation
network
minimizes the external component count and
simplifies the control loop design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com