Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 12Page - Monolithic Power Systems MP8865 Datasheet HTML 13Page - Monolithic Power Systems MP8865 Datasheet HTML 14Page - Monolithic Power Systems MP8865 Datasheet HTML 15Page - Monolithic Power Systems MP8865 Datasheet HTML 16Page - Monolithic Power Systems MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems MP8865 Datasheet HTML 19Page - Monolithic Power Systems MP8865 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
16
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Output Over-Voltage Protection (OVP)
The MP8865 monitors the resistor divider VFB (8)
to detect over voltage. When VFB(8)
becomes
higher than 115% of the target voltage, the LS-
FET remains on until the LS current drops to -2.5A.
This discharges the output and tries to keep it
within the normal range. The device will exit this
regulation period when VFB(8) drops below 105%
of the reference voltage.
Over-Current Protection (OCP) and Hiccup
The MP8865 has a cycle-by-cycle over-current
limit control. When the inductor-current peak
value exceeds the set current-limit threshold,
the HS-FET turns off, and the LS-FET turns on
and remains on until the inductor current falls
below
the
internal
“valley”
current-limit
threshold. The “valley” current-limit circuit is
employed to decrease the operation frequency
after the “peak” current-limit threshold is
triggered. Meanwhile, the output voltage drops
until VFB(8) is below the under-voltage (UV)
threshold (50% below the reference, typically).
Once UV is triggered, the MP8865 enters
hiccup mode to re-start the part periodically.
This protection mode is useful when the output
is dead-shorted to ground. The average short-
circuit current is reduced greatly to alleviate
thermal issues and protect the regulator. The
MP8865 exits hiccup mode once the over-
current condition is removed.
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the die temperature exceeds 160°C, it
shuts
down
the
whole
chip.
When
the
temperature is less than its lower threshold
(140°C, typically) the chip is enabled again.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through
D1, M1, C4, L1, and COUT (see Fig. 6). If (VBST-
VSW) exceeds 5V, U1 regulates M1 to maintain
a 5V BST voltage across C4. A 10
Ω resistor
placed between SW and the BST capacitor is
recommended to reduce SW spike voltage.
Figure 6. Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.
I2C Control and Default Output Voltage
When the MP8865 is enabled (which means
EN=high, and VIN>UVLO), the chip starts up to
an output voltage set by the FB feedback
resistors (with a programmed soft-start time).
After the MP8865 is enabled, the I2C bus can
communicate with the master. If the chip
doesn’t receive a I2C communication signal
constantly, it works efficiently through FB
feedback and performs behavior similar to a
traditional non-I2C part.
Once the I2C receives a valid output reference
and voltage scaling instruction (if V_BOOT=
“1”),
the output voltage is determined by the resistor
dividers R1, R2, and VREF voltage. The VOUT
value can be calculated by the following
equation (VREF default value is 0.6V):
)
R2
R1
(1
V
V
REF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com