Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 14Page - Monolithic Power Systems MP8865 Datasheet HTML 15Page - Monolithic Power Systems MP8865 Datasheet HTML 16Page - Monolithic Power Systems MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems MP8865 Datasheet HTML 19Page - Monolithic Power Systems MP8865 Datasheet HTML 20Page - Monolithic Power Systems MP8865 Datasheet HTML 21Page - Monolithic Power Systems MP8865 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
18
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface
The I2C is a 2-wire, bidirectional serial interface,
consisting of a data line (SDA) and a clock line
(SCL). The lines are pulled externally to a bus
voltage when they are “idle.” Connected to the
line, a master device generates the SCL signal
and
addresses
and
arranges
the
communication
sequence.
The
MP8865
interface is an I2C slave, which supports both
fast mode (400kHz) and high-speed mode
(3.4Mhz), adding flexibility to the power-supply
solution. The output voltage, transition slew
rate, and other parameters can be controlled
instantaneously by the I2C interface.
Data Validity
One clock pulse is generated for each data bit
transferred. The data on the SDA line must be
stable during the high period of the clock. The
high or low state of the data line can only
change when the clock signal on the SCL line is
low (see Fig. 7).
Figure 7. Bit Transfer on the I2C Bus
Start and Stop Conditions
The start and stop conditions are signaled by
the master device, which signifies the beginning
and the end of the I2C transfer. The start
condition
is
defined
as
the
SDA
signal
transitioning from high to low while the SCL is
high. The stop condition is defined as the SDA
signal transitioning from low to high while the
SCL is high (see Fig. 8).
Figure 8. Start and Stop Conditions
Start and Stop conditions are generated always
by the master. The bus is considered
busy after the start condition. The bus is
considered free again after a minimum of 4.7uS
after the stop condition. The bus stays busy if a
repeated start (Sr) is generated instead of a
stop condition. The start (S) and repeated start
(Sr) conditions are functionally identical.
Transfer Data
Every byte put on the SDA line must be 8-bits
long. Each byte must be followed by an
acknowledge
bit.
The
acknowledge-related
clock pulse is generated by the master. The
transmitter releases the SDA line (high) during
the acknowledge clock pulse. The receiver
must pull down the SDA line during the
acknowledge clock pulse, so that it remains
stable low during the high period of the clock
pulse.
Data transfers follow the format shown in Fig. 8.
After the start condition (S), a slave address is
sent. This address is 7-bits long followed by an
eighth bit, which is a data direction bit (R/W). A
‘0’ indicates a transmission (write), and a ‘1’
indicates a request for data (read). A data
transfer
is
terminated
always
by
a
stop
condition (P) generated by the master. However,
if a master still wishes to communicate on the
bus, it can generate a repeated start condition
(Sr) and address another slave without first
generating a stop condition.
Figure 9. A Complete Data Transfer
The MP8865 requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. After receipt of
each byte, the MP8865 acknowledges by
pulling the SDA line low during the high period
of a single clock pulse. A valid I2C address
selects the MP8865. The MP8865 performs an
update on the falling edge of the LSB byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com