Electronic Components Datasheet Search
  English  ▼

X  

MP8865 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8865
Description  High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8865 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8865 Datasheet HTML 13Page - Monolithic Power Systems MP8865 Datasheet HTML 14Page - Monolithic Power Systems MP8865 Datasheet HTML 15Page - Monolithic Power Systems MP8865 Datasheet HTML 16Page - Monolithic Power Systems MP8865 Datasheet HTML 17Page - Monolithic Power Systems MP8865 Datasheet HTML 18Page - Monolithic Power Systems MP8865 Datasheet HTML 19Page - Monolithic Power Systems MP8865 Datasheet HTML 20Page - Monolithic Power Systems MP8865 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
MP8865
– SYNCHRONOUS STEP-DOWN CONVERTER
MP8865 Rev. 1.03
www.MonolithicPower.com
17
1/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
If
V_BOOT=
“0,”
the
output
voltage
is
determined by the I2C control loop (output
voltage is sensed through VOUT), and the FB
feedback control loop is disabled.
If FB is pulled up to VCC, the chip starts up
directly to the default 0.9V output voltage. In
this case, the output voltage is determined by
the I2C control loop.
The output reference voltage scaling is realized
by adjusting the internal reference voltage
(V_REF), which is the non-inverted input of the
error amplifier. After the MP8865 receives a
valid data byte of the output reference voltage
setting, it searches the corresponding reference
voltage from the truth table and then sends the
command to adjust VREF with a controlled slew
rate. The slew rate is determined by 3-bits of
another register, which can be read and write
accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com